Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD-850WHT Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-850WHT
Description  High Temperature GaAlAs IR Emitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-850WHT Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-850WHT Datasheet HTML 1Page - OptoDiode Corp OD-850WHT Datasheet HTML 2Page - OptoDiode Corp OD-850WHT Datasheet HTML 3Page - OptoDiode Corp OD-850WHT Datasheet HTML 4Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
An ITW Company
From Deep UV to Mid-IR
Revision July 13, 2018
Page 1 of 4
High Temperature GaAlAs IR Emitters
OD-850WHT
FEATURES
• High Optical Output
• 850 nm Peak Emission
• Hermetically Sealed TO-46 Package
• Wide Emission Angle to Cover a Large Area
• Extended Operating Temperature Range
• No Internal Coatings
• No Derating or Heat Sink Required to 80 °C
Parameters
Test Conditions
Min
Typ
Max
Units
Total Power Output, Po
IF = 100 mA
19
26
mW
Peak Emission Wavelength, λP
IF = 20 mA
850
nm
Spectral Bandwidth at 50 %, Δλ
IF = 20 mA
40
nm
Half Intensity Beam Angle, θ
IF = 20 mA
80
Deg
Forward Voltage, VF
IF = 100 mA
1.6
2
Volts
Reverse Breakdown Voltage, VR
IR = 10 µA
5
30
Volts
Rise Time
IFP = 20 mA
20
nsec
Fall Time
IFP = 20 mA
20
nsec
Parameters
Units
Power Dissipation1
200 mW
Continuous Forward Current
100 mA
Peak Forward Current (10 µs, 200 Hz)2
300 mA
Reverse Voltage
5 Volts
Lead Soldering Temperature (1/16" from case for 10 sec)
260 °C
Parameters
Units
Storage and Operating Temperature Range
-65 °C to 150 °C
Maximum Junction Temperature
150 °C
Thermal Resistance, RTHJA1
400 °C/W Typical
Thermal Resistance, RTHJA2
135 °C/W Typical
Electro-Optical Characteristics at 25 °C
Absolute Maximum Ratings at 25°C
Thermal Parameters
1 Heat transfer minimized by measuring in still air with minimum heat conducting through leads.
2 Air circulating at a rapid rate to keep case temperature at 25 °C.
1 Derate per thermal derating curve above 25 °C.
2 Derate linearly above 25 °C


Similar Part No. - OD-850WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-850WHT OPTODIODE-OD-850WHT Datasheet
306Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850WHT OPTODIODE-OD-850WHT Datasheet
306Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
More results

Similar Description - OD-850WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-880LHT OPTODIODE-OD-880LHT Datasheet
391Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-110LISOLHT OPTODIODE-OD-110LISOLHT Datasheet
242Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT Datasheet
287Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850LHT OPTODIODE-OD-850LHT Datasheet
286Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD850FHT OPTODIODE-OD850FHT Datasheet
287Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880LHT OPTODIODE-OD880LHT Datasheet
261Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880WHT OPTODIODE-OD880WHT Datasheet
285Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-110LISOLHT OPTODIODE-OD-110LISOLHT_15 Datasheet
392Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT_18 Datasheet
169Kb / 4P
High-Temperature GaAlAs IR Emitters
OD-850LHT OPTODIODE-OD-850LHT_18 Datasheet
172Kb / 4P
High-Temperature GaAlAs IR Emitters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com