Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAT-W2 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPAT-W2
Description  0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT-W2 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT-W2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPAT-W2 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPAT0303-W2
3.3
±3.3
±37.8/±3.78
70
TPAT0305-W2
3.3
±5
±25/±2.5
70
TPAT0309-W2
3.3
±9
±13.8/±1.38
72
TPAT0312-W2
3.3
±12
±10.4/±1.04
75
TPAT0315-W2
3.3
±15
±8.25/±0.82
80
TPAT0503-W2
5
±3.3
±37.8/±3.78
70
TPAT0505-W2
5
±5
±25/±2.5
70
TPAT0509-W2
5
±9
±13.8/±1.38
72
TPAT0512-W2
5
±12
±10.4/±1.04
75
TPAT0515-W2
5
±15
±8.25/±0.82
80
TPAT1203-W2
12
±3.3
±37.8/±3.78
70
TPAT1205-W2
12
±5
±25/±2.5
70
TPAT1209-W2
12
±9
±13.8/±1.38
26
TPAT1212-W2
12
±12
±10.4/±1.04
75
TPAT1215-W2
12
±15
±8.25/±0.82
80
TPAT1515-W2
15
±15
±37.8/±3.78
80
Add suffix “P” for continuous short circuit protection, for example TPAT0505P-W2. Add suffix “X” has not 5,10,14,16 pin, for example TPAT0505X-W2.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
Reflected ripple current
40
50
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
G
Ω
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
110
kHz
Switching frequency
0303, 0305, 0503
115
kHz
Switching frequency
All other variants
120
kHz
FEATURES
RoHS compliant
Efficiency up to 78%
Operating temperature: -40
℃to 105℃
CE certification
Footprint over pins 1.64cm
2
Power density 1.36W/cm
3
Input voltage: 3.3V, 5V, 12V,15V
Output voltage: ±3.3V, ±5V, ±9V, ±12V,±15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/
TOPPOWER


Similar Part No. - TPAT-W2

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
833Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPAT-W2

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPVT-W2 TOPPOWER-TPVT-W2 Datasheet
209Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT0503-W2 TOPPOWER-TPVT0503-W2 Datasheet
234Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPET-W2 TOPPOWER-TPET-W2 Datasheet
165Kb / 3P
0.25W 3KVDC Isolated Single Output SMD DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25 Datasheet
485Kb / 3P
0.25W 3KVDC Isolated Miniature Single Output DC/DC Converters
TPV-W25 TOPPOWER-TPV-W25 Datasheet
790Kb / 3P
0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25_V01 Datasheet
802Kb / 4P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPR-W25 TOPPOWER-TPR-W25_V01 Datasheet
786Kb / 3P
0.25W 3KVDC Isolated Single Output DC/DC Converters
TPV-W25 TOPPOWER-TPV-W25_V01 Datasheet
823Kb / 3P
0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPA-W25 TOPPOWER-TPA-W25 Datasheet
715Kb / 3P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com