Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAT-W2 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPAT-W2
Description  0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT-W2 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPAT-W2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT-W2 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPAT-W2 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 4
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
℃
Internal power dissipation
680mW
Input voltage Vin, TPAT03
5.5V
Input voltage Vin, TPAT05
7V
Input voltage Vin, TPAT12
15V
Input voltage Vin, TPAT15
18V
Input voltage Vin, TPAT24
28V
All specifications typical at TA=25
℃, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40
℃ to 85℃
0.25
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
0303 & 0503
10
%
Load Regulation(10% load to rated load)
5V output
10
%
Load Regulation(10% load to rated load)
0309
10
%
Load Regulation(10% load to rated load)
0509
,1209 & 2409
8
%
Load Regulation(10% load to rated load)
0312 & 0315
12
%
Load Regulation(10% load to rated load)
0512
,1212 & 2412
8
%
Load Regulation(10% load to rated load)
0515
,1215,1515 & 2415
8
%
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-55
125
℃
Reflow Soldering Temperature
Peak temp.≤245
℃, maximum duration time≤60s at 217℃.
For actual application, please refer to IPC/JEDEC
J-STD-020D.1.
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Tolerance Envelope 3.3V output types
All other types
Output Load Current(% )
+ 9%
+1%
V
NO M
-7%
-7%
+1%
-15%
100
75
50
25
10
Typical Load
Line
Ou tp ut Lo ad C urren t(% )
+ 1 0 %
+ 5 %
V
NO M
-2 .5 %
+ 2 .5 %
-7 .5 %
1 0 0
7 5
5 0
2 5
1 0
Ty pical Load
Line
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com