Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001CEVALZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button KMB-001CEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 29Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 30Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 31Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 32Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 33Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
FN7982 Rev 2.00
Page 33 of 34
June 27, 2012
ISLA214P12
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2012. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Least Significant Bit (LSB) is the bit that has the smallest value or
weight in a digital word. Its value in terms of input voltage is
VFS/(2N-1) where N is the resolution in bits.
Missing Codes are output codes that are skipped and will never
appear at the A/D output. These codes cannot be reached with
any input value.
Most Significant Bit (MSB) is the bit that has the largest value or
weight.
Pipeline Delay is the number of clock cycles between the
initiation of a conversion and the appearance at the output pins
of the data.
Power Supply Rejection Ratio (PSRR) is the ratio of the observed
magnitude of a spur in the A/D FFT, caused by an AC signal
superimposed on the power supply voltage.
Signal to Noise-and-Distortion (SINAD) is the ratio of the RMS
signal amplitude to the RMS sum of all other spectral
components below one half the clock frequency, including
harmonics but excluding DC.
Signal-to-Noise Ratio (without Harmonics) is the ratio of the RMS
signal amplitude to the RMS sum of all other spectral
components below one-half the sampling frequency, excluding
harmonics and DC.
SNR and SINAD are either given in units of dB when the power of
the fundamental is used as the reference, or dBFS (dB to full
scale) when the converter’s full-scale input power is used as the
reference.
Spurious-Free-Dynamic Range (SFDR) is the ratio of the RMS
signal amplitude to the RMS value of the largest spurious
spectral component. The largest spurious spectral component
may or may not be a harmonic.
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on
intersil.com: ISLA214P12
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
FITs are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
June 27, 2012
FN7982.2
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com