Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001CEVALZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button KMB-001CEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 21 of 34
June 27, 2012
The clock divider can also be controlled through the SPI port,
which overrides the CLKDIV pin setting. See “SPI Physical
Interface” on page 25. A delay-locked loop (DLL) generates
internal clock signals for various stages within the charge
pipeline. If the frequency of the input clock changes, the DLL may
take up to 100μs to regain lock at 125MSPS. The lock time is
inversely proportional to the sample rate.
The DLL has two ranges of operation, slow and fast. The slow
range can be used for sample rates between 40MSPS and
100MSPS, while the default fast range can be used from
80MSPS to the maximum specified sample rate.
Jitter
In a sampled data system, clock jitter directly impacts the
achievable SNR performance. The theoretical relationship
between clock jitter (tJ) and SNR is shown in Equation 1 and is
illustrated in Figure 32.
This relationship shows the SNR that would be achieved if clock
jitter were the only non-ideal factor. In reality, achievable SNR is
limited by internal factors such as linearity, aperture jitter and
thermal noise. Internal aperture jitter is the uncertainty in the
sampling instant shown in Figure1A. The internal aperture jitter
combines with the input clock jitter in a root-sum-square fashion,
since they are not statistically correlated, and this determines
the total jitter in the system. The total jitter, combined with other
noise sources, then determines the achievable SNR.
Voltage Reference
A temperature compensated internal voltage reference provides
the reference charges used in the successive approximation
operations. The full-scale range of each A/D is proportional to the
reference voltage. The nominal value of the voltage reference is
1.25V.
Digital Outputs
Output data is available as a parallel bus in
LVDS-compatible(default) or CMOS modes. In either case, the data
is presented in either double data rate (DDR) or single data rate
(default) format. Figures 1A and 1B show the timing relationships
for LVDS and CMOS modes, respectively.
Additionally, the drive current for LVDS mode can be set to a
nominal 3mA(default) or a power-saving 2mA. The lower current
setting can be used in designs where the receiver is in close
physical proximity to the A/D. The applicability of this setting is
dependent upon the PCB layout, therefore the user should
experiment to determine if performance degradation is
observed. Note that a far-end termination resistor is required in
LVDS mode for correct operation.
The output mode can be controlled through the SPI port, by
writing to address 0x73, see “Serial Peripheral Interface” on
page 25.
An external resistor creates the bias for the LVDS drivers. A 10k
,
1% resistor must be connected from the RLVDS pin to OVSS.
Over-Range Indicator
The over-range (OR) bit is asserted when the magnitude of the
analog input exceeds positive or negative fullscale of the ADC.
The output code does not wrap around during an over-range
condition. The OR bit is updated at the sample rate.
Power Dissipation
The power dissipated by the ISLA214P12 is primarily dependent
on the sample rate and the output modes: LVDS vs CMOS and
DDR vs SDR. There is a static bias in the analog supply, while the
remaining power dissipation is linearly related to the sample
rate. The output supply dissipation changes to a lesser degree in
LVDS mode, but is more strongly related to the clock frequency in
CMOS mode.
Nap/Sleep
Portions of the device may be shut down to save power during
times when operation of the A/D is not required. Two power saving
modes are available: Nap, and Sleep. Nap mode reduces power
dissipation to < 60mW while Sleep mode reduces power
dissipation to 9mW typically.
All digital outputs (Data, CLKOUT and OR) are placed in a high
impedance state during Nap or Sleep. The input clock should
remain running and at a fixed frequency during Nap or Sleep, and
CSB should be high. Recovery time from Nap mode will increase
if the clock is stopped, since the internal DLL can take up to
100µs to regain lock at 125MSPS.
By default after the device is powered on, the operational state is
controlled by the NAPSLP pin as shown in Table 2.
TABLE 1. CLKDIV PIN SETTINGS
CLKDIV PIN
DIVIDE RATIO
AVSS
2
Float
1
AVDD
4
SNR
20 log10
1
2
f
INtJ
--------------------


=
(EQ. 1)
FIGURE 32. SNR vs CLOCK JITTER
tj = 100ps
tj = 10ps
tj = 1ps
tj = 0.1ps
10 BITS
12 BITS
14 BITS
50
55
60
65
70
75
80
85
90
95
100
1M
10M
100M
1G
INPUT FREQUENCY (Hz)
TABLE 2. NAPSLP PIN SETTINGS
NAPSLP PIN
MODE
AVSS
Normal
Float
Sleep
AVDD
Nap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com