Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN0366 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # AN0366
Description  Porting RZK/ZTP Applications to the eZ80L925148MODG Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

AN0366 Datasheet(HTML) 2 Page - Zilog, Inc.

  AN0366 Datasheet HTML 1Page - Zilog, Inc. AN0366 Datasheet HTML 2Page - Zilog, Inc. AN0366 Datasheet HTML 3Page - Zilog, Inc. AN0366 Datasheet HTML 4Page - Zilog, Inc. AN0366 Datasheet HTML 5Page - Zilog, Inc. AN0366 Datasheet HTML 6Page - Zilog, Inc. AN0366 Datasheet HTML 7Page - Zilog, Inc. AN0366 Datasheet HTML 8Page - Zilog, Inc. AN0366 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN036602-1013
2
Porting RZK/ZTP Applications to the eZ80L925148MODG Module
Application Note
The source code file associated with this application note, AN0366-SC01, is available
free for download from the Zilog website. This source code has been tested with ZDSII –
eZ80Acclaim! version 5.2.1 and ZTP version 2.4.1. Subsequent releases of ZDS II may
require you to modify the code supplied with this application note.
Differences Between the Modules
The hardware differences between the older eZ80L925048MOD Module and the new
eZ80L925148MODG Module are summarized in Table 1. Click the links in this table to
learn more about how these changes affect ZTP applications.
The hardware changes listed in Table 1 require modifications to your ZTP project before
the application will function with the eZ80L925148MODG Module. Although this docu-
ment describes the changes required specifically when using the eZ80Acclaim! Develop-
ment Platform, similar project file changes may also be required when using hardware
platforms with the eZ80L925148MODG Module.
To learn more about the eZ80L925148MODG Module, refer to the eZ80L92 Module
Product Specification (PS0318). For a demonstration program that includes the changes
required to support the eZ80L925148MODG Module, refer to the
ZTPDemo_eZ80L925148MODG.zdsproj
file in the AN0366–SC01_<version>.exe
installation package. The remaining sections of this document describe the project and/or
application changes required to support these hardware changes.
CS0 Configuration
1MB of external Flash memory is mapped to the CS0 on the eZ80L925048MOD Module.
Applications that use this older module typically configured the CS0 as follows for RAM
build configurations:
CS0 Lower Bound
0x100000
CS0 Upper Bound
0x1FFFFF
Table 1. Hardware Differences Between eZ80L925x48MOD Modules
Component/
Feature
99C0857 Hardware
Implementation
99C1400 Hardware
Implementation
Affected Project
Settings
Application
Modification
External Flash
on CS0
1MB Micron
MT28F008B3
8MB Spansion
S29GL064N
eZ80Acclaim!
Development
Platform Jumper
Changes
CS0 Configuration
New ZTGT Files and
Address Spaces
eZ80L925148MODG
Preprocessor
Definition
Optional ZFS
Configuration
IrDA
Yes
No
N/A
Remove IRDA code
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com