Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN0366 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # AN0366
Description  Porting RZK/ZTP Applications to the eZ80L925148MODG Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

AN0366 Datasheet(HTML) 3 Page - Zilog, Inc.

  AN0366 Datasheet HTML 1Page - Zilog, Inc. AN0366 Datasheet HTML 2Page - Zilog, Inc. AN0366 Datasheet HTML 3Page - Zilog, Inc. AN0366 Datasheet HTML 4Page - Zilog, Inc. AN0366 Datasheet HTML 5Page - Zilog, Inc. AN0366 Datasheet HTML 6Page - Zilog, Inc. AN0366 Datasheet HTML 7Page - Zilog, Inc. AN0366 Datasheet HTML 8Page - Zilog, Inc. AN0366 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN036602-1013
3
Porting RZK/ZTP Applications to the eZ80L925148MODG Module
Application Note
CS0 Control
0x88
CS0 Bus Mode
0x82
The new eZ80L925148MODG Module is equipped with 8MB of Flash mapped to the
CS0. To avoid conflicts with SRAM memory that is mapped to the first 512KB to 1MB of
the eZ80L92 address space in RAM build configurations, the CS0 should continue to be
configured with a lower bound of 0x100000. This configuration would imply a CS0
upper bound of 0x8FFFFF on the eZ80L925148MODG Module.
However, be advised that when using the eZ80Acclaim! Development Platform
(99C0858) with the eZ80L925148MODG Module, the GPIO and LED matrix are mapped
into the CS2 memory at 0x800000. Also, the gate array logic on the eZ80Acclaim!
Development Platform limits the upper bound of the CS0 mapping to 0x7FFFFF. Conse-
quently, Zilog recommends the following CS0 settings for use with the
eZ80L925148MODG Module on the eZ80Acclaim! Development Platform for RAM
builds:
CS0 Lower Bound
0x100000
CS0 Upper Bound
0x7FFFFF
CS0 Control
0x88
CS0 Bus Mode
0x01
When using a Flash (or Copy to RAM) build configuration, the lower bound on the CS0 is
typically set to 0x00 and the chip selects for SRAM are configured such that the static
RAM is located above the highest memory address occupied by the external Flash.
eZ80Acclaim! Development Platform Jumper Changes
When using the eZ80L925148MODG Module with the eZ80Acclaim! Development Plat-
form, it is typically necessary to install Jumper J20. By default, the external chip select
signal on the eZ80Acclaim! Development Platform, nCS_EX, features a jumper in the 1–2
position of J19, which routes memory requests in the CS0 range of 0x400000 to
0x7FFFFF
to the eZ80Acclaim! Development Platform. As a result, access is prevented to
the upper 4MB of the external 8MB Flash space on the eZ80L925148MODG Module. To
maximize the amount of external Flash memory, the eZ80L92 MCU can access on the
eZ80L925148MODG Module. It is necessary to install a shunt on J20.
New ZTGT Files and Address Spaces
The AN0366–SC01_<version>.exe installation and later ZDSII – eZ80Acclaim!
releases include two new Zilog target (ZTGT) files for the eZ80L925148MODG Module.
These files are named eZ80L925148MODG_RAM.ztgt and
eZ80L925148MODG_Flash.ztgt
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com