Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1216 Datasheet(PDF) 20 Page - Zilog, Inc.

Part # IXD1216
Description  28 V, 150 mA Voltage Regulator with Stand-by Mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1216 Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button IXD1216 Datasheet HTML 16Page - Zilog, Inc. IXD1216 Datasheet HTML 17Page - Zilog, Inc. IXD1216 Datasheet HTML 18Page - Zilog, Inc. IXD1216 Datasheet HTML 19Page - Zilog, Inc. IXD1216 Datasheet HTML 20Page - Zilog, Inc. IXD1216 Datasheet HTML 21Page - Zilog, Inc. IXD1216 Datasheet HTML 22Page - Zilog, Inc. IXD1216 Datasheet HTML 23Page - Zilog, Inc. IXD1216 Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Product Specification
IXD1216
PS033901-0515
PRELIMINARY
20
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Power Supply Ripple Rejection (Continued)
IXD1216B/D C02xx
Ta = 25
0C, V
IN = VCE = 7.0 V+ 0.5 Vp-pAC, IOUT = 1 mA,
IXD1216B/D C02xx
Ta = 25
0C, V
IN = VCE = 7.0 V+ 0.5 Vp-pAC, IOUT = 30 mA,
ORDERING INFORMATION
IXD1216-
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Type and Options
B
Fixed Output Voltage 2.0
– 12.0 V in 0.1 V increments, CE Function
C
Output Voltage Set Externally (VFB = 2.0 V), CE Function
D
Fixed Output Voltage 2.0
– 12.0 V in 0.1 V increments, No CE function (3-pin regulator)

Output Voltage
20
– C0
For voltages from 2.0 V to 9.9 V, e.g. 2.5 V -  = 2,  = 5; 5.0 V -  = 5,  = 0
For voltages from 10.0 V to 12.0 V, e.g. 10.6 V -  = A  = 6; 12.0 V -  = C,  = 0
Output Voltage
Accuracy
2
Accuracy: ±2%
1
Accuracy: ±1%
-
(*)
Packages
1)
(Order Limit)
MR
SOT-25 (3000/Reel)
MR-G
SOT-25 (3000/Reel)
PR
SOT-89, SOT-89-5 (1000/Reel)
PR-G
SOT-89, SOT-89-5 (1000/Reel)
ER
USP-6C (3000/Reel)
ER-G
USP-6C (3000/Reel)
FR
SOT-223 (1000/Reel)
FR-G
SOT-223 (1000/Reel)
JR
TO-252 (2500/reel)
JR-G
TO-252 (2500/reel)
QR-G
SOP-8FD (1000/reel)
NOTE:
The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
1)
IXD1216B/C versions are available in SOT-25, SOT-89-5, USP-6C, and SOP-8FD packages only; IXD1216D version is
available in SOT-89, SOT-223, and TO-252 packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com