Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1216 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # IXD1216
Description  28 V, 150 mA Voltage Regulator with Stand-by Mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1216 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button IXD1216 Datasheet HTML 17Page - Zilog, Inc. IXD1216 Datasheet HTML 18Page - Zilog, Inc. IXD1216 Datasheet HTML 19Page - Zilog, Inc. IXD1216 Datasheet HTML 20Page - Zilog, Inc. IXD1216 Datasheet HTML 21Page - Zilog, Inc. IXD1216 Datasheet HTML 22Page - Zilog, Inc. IXD1216 Datasheet HTML 23Page - Zilog, Inc. IXD1216 Datasheet HTML 24Page - Zilog, Inc. IXD1216 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Product Specification
IXD1216
PS033901-0515
PRELIMINARY
21
PACKAGE DRAWING AND DIMENSIONS
Units: mm
SOT-25
SOT-89
SOT-89-5
SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com