Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD3220 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # IXD3220
Description  16V Input Voltage Step-Down DC/DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3220 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button IXD3220 Datasheet HTML 9Page - Zilog, Inc. IXD3220 Datasheet HTML 10Page - Zilog, Inc. IXD3220 Datasheet HTML 11Page - Zilog, Inc. IXD3220 Datasheet HTML 12Page - Zilog, Inc. IXD3220 Datasheet HTML 13Page - Zilog, Inc. IXD3220 Datasheet HTML 14Page - Zilog, Inc. IXD3220 Datasheet HTML 15Page - Zilog, Inc. IXD3220 Datasheet HTML 16Page - Zilog, Inc. IXD3220 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Product Specification
IXD3220/IXD3221
PS034101-0515
PRELIMINARY
13
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(14) Short-Circuit Protection Temperature Characteristics
(15) Short-Circuit Protection Voltage vs. Input Voltage
IXD3220/221 Series
VIN = 5 V
IXD3220/221 Series
(16) CE Threshold Temperature Characteristics
(17) CE Threshold vs. Input Voltage
IXD3220/221 Series
VIN = 5 V
IXD3220/221 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com