Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA710 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # MMA710
Description  DC to 4 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA710 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  MMA710 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Aeroflex / Metelics, Inc.
www.aeroflex-metelics.com
Typical RF Performance:
Revision Date: 11/04/04
MMA710
DC to 4 GHz Amplifier
Figure 1.
Gain vs Frequency
Frequency (GHz)
Figure 3.
Input VSWR vs Frequency
Frequency (GHz)
Figure 4.
Output VSWR vs Frequency
Frequency (GHz)
Figure 6.
Noise Figure vs Frequency
Frequency (GHz)
Figure 5.
OIP3 vs Frequency
Frequency (GHz)
Figure 2.
Output Power vs Frequency
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com