Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA710 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MMA710
Description  DC to 4 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA710 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MMA710 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA710 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description:
RF Specifications:
Features:
Absolute Maximum Ratings:
Revision Date: 11/04/04
The MMA710 is a fully matched amplifier fabricated in
Aeroflex / Metelics reliable InGap HBT technology. The
economical SOT89 package provides excellent wide-
band performance.
•
DC - 4 GHz Broadband Gain Block
•
± 0.5 dB Typical Gain Flatness
•
50 Ohms Input/Output Impedances
NOTES:
1. T
A
T = +25 °C.
2. V
S
V = 8.0 Vdc, R
BIAS = 11
3. IP3 measured with two tones offset 10 MHz at 0 dBm per tone.
Parameter
Term
Minimum
Typical
Maximum
Units
3dB Bandwidth
BW
DC
- - -
4
GHz
Frequency Range
f
O
f
DC
- - -
4
GHz
Gain
G
P
12
13
- - -
dB
Output Power
P
1dB
+18
+20
- - -
dBm
Input Standing Wave Ratio
VSWR
- - -
1.5:1
2.0:1
- - -
Outut Standing Wave Ratio
VSWR
---
2.0:1
3.6:1
---
3rd Order Intercept Point
IP3
+34
+37
- - -
dBm
Noise Figure
NF
- - -
5.0
6.0
dB
Device Current
I
C
85
95
110
mA
MMA710
DC to 4 GHz Amplifier
SOT89 OUTLINE
Parameters
Rating
Device Current ( I
C )
150 mA
RF Input Power, continuous
+13 dBm
Operating Temperature
-40 to +85 ºC
Storage Temperature
-55 to +125 ºC
Thermal Resistance (
JC )
70 ºC/W


Similar Part No. - MMA710

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA712 AEROFLEX-MMA712 Datasheet
365Kb / 7P
DC to 12 GHz Amplifier
More results

Similar Description - MMA710

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
GALI-4 MINI-GALI-4 Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-5 MINI-GALI-5 Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-5F MINI-GALI-5F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-6 MINI-GALI-6 Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-6F MINI-GALI-6F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-51 MINI-GALI-51 Datasheet
192Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-51F MINI-GALI-51F Datasheet
192Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-55 MINI-GALI-55 Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com