Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1104LS Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1104LS series
Sorting chart for Luminous intensity and Emitting color
Rank
MIN.
MAX.
Rank
MIN.
MAX.
B4
18
22
C
558
561
B5
22
27
D
561
564
B6
27
33
Rank
MIN.
MAX.
Rank
MIN.
MAX.
B6
27
33
C
558
561
B7
33
39
D
561
564
B8
39
47
Rank
MIN.
MAX.
Rank
MIN.
MAX.
BX
56
68
A
567
570
BY
68
82
B
570
573
BZ
82
100
Rank
MIN.
MAX.
Rank
MIN.
MAX.
BZ
82
100
A
567
570
C1
100
120
B
570
573
C2
120
150
C
573
576
C3
150
180
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C4
180
220
A
567
570
C5
220
270
B
570
573
C6
270
330
VFHG1104LS
VFJG1104LS
VFHP1104LS
VFJP1104LS
VFGP1104LS
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Ta=25℃
20mA
Part name
Conditions
Ta=25℃
20mA
Ta=25℃
20mA
Ta=25℃
20mA
Ta=25℃
50mA
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Page 4
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com