Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1104LS Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1104LS series
PLCC-2 type, Water clear resin
Outline dimensions 3.5 x 2.8 x 1.9mm( L x W x H )
Standard product specifications
Features
Package
Product features
Recommended applications
・Wide range temperature applicable product
・High reliability
(for automotive applications and other high-reliability required applications)
・Lead–free soldering compatible
・RoHS compliant
・Automotive interior: Switch and buttons , meter panel, car audio , HVAC, etc.
Dominant wavelength
Green
Yellow green
Yellow
Orange
Red
: 561nm (VFHG,VFJG)
: 570nm (VFHP,VFGP)
572nm (VFJP)
: 589nm (VFHY,VFJY,VFGY)
: 606nm (VFHA,VFGA)
: 616nm (VFHV,VFGV)
: 626nm (VFHR)
: 632nm (VFJR)
Page 1
2017.11.20


Similar Part No. - 1104LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
174Kb / 1P
CAROL STREAM, ILLINOIS 60188
7/11/18
1104 ETC-1104 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1104 HEYCO-1104 Datasheet
136Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Infinite Electronics In...
1104 L-COM-1104 Datasheet
100Kb / 1P
MMCX RIGHT ANGLE PLUG CRIMP
3/9/10
More results

Similar Description - 1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
JGN1104LS-AR STANLEY-JGN1104LS-AR Datasheet
649Kb / 23P
Wide range temperature applicable product
VCEB1104LS-TR STANLEY-VCEB1104LS-TR Datasheet
837Kb / 23P
Wide range temperature applicable product
VCEG1104LS-TR STANLEY-VCEG1104LS-TR Datasheet
823Kb / 23P
Wide range temperature applicable product
VCEW1154LDS-3C4K3-TR STANLEY-VCEW1154LDS-3C4K3-TR Datasheet
793Kb / 24P
Wide range temperature applicable product
VCHB1104LSE-TR STANLEY-VCHB1104LSE-TR Datasheet
776Kb / 23P
Wide range temperature applicable product
VFSY1104LS-TR STANLEY-VFSY1104LS-TR Datasheet
823Kb / 22P
Wide range temperature applicable product
VFSR1104LS-TR STANLEY-VFSR1104LS-TR Datasheet
844Kb / 22P
Wide range temperature applicable product
JFN1104LS-AR STANLEY-JFN1104LS-AR Datasheet
1Mb / 23P
Wide range temperature applicable product
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com