Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2202 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2202
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2202 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2202 Datasheet HTML 1Page - Advanced Power Technology MS2202 Datasheet HTML 2Page - Advanced Power Technology MS2202 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
053-7111 Rev - 11-2002
MS2202
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS2202 is a low power Class C NPN transistor specifically
designed for avionics driver applications. This device is capable
of withstanding an
∞
∞
∞
∞:1 load VSWR at any phase angle under full
rated conditions. Low RF thermal resistance and semi-automatic
bonding techniques ensure high reliability and product
consistency.
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RATINGS
INGS
INGS
INGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
10
W
IC
Device Current
250
A
VCC
Collector Supply Voltage
37
V
TJ
Junction Temperature
200
°°°°C
TSTG
Storage Temperature
-65 to +200
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
10.0
°°°°C/W
Features
Features
Features
Features
• 1025 - 1150 MHz
• 35 VOLTS
• INPUT MATCHING
• POUT = 2.0 WATTS
• GP = 9.0 dB MINIMUM
• LOW THERMAL RESISTANCE
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS


Similar Part No. - MS2202

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2202 CIT-MS2202 Datasheet
125Kb / 1P
CIT SWITCH
MS2202L5A CIT-MS2202L5A Datasheet
125Kb / 1P
CIT SWITCH
MS2202L5B CIT-MS2202L5B Datasheet
125Kb / 1P
CIT SWITCH
MS2202L7.5A CIT-MS2202L7.5A Datasheet
125Kb / 1P
CIT SWITCH
MS2202L7.5B CIT-MS2202L7.5B Datasheet
125Kb / 1P
CIT SWITCH
More results

Similar Description - MS2202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com