Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2202 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2202
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2202 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2202 Datasheet HTML 1Page - Advanced Power Technology MS2202 Datasheet HTML 2Page - Advanced Power Technology MS2202 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
053-7111 Rev - 11-2002
MS2202
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 1mA
IE = 0 mA
45
---
---
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
---
---
V
BVCER
IC = 5 mA
RBE = 10
Ω
Ω
Ω
Ω
45
---
---
V
ICES
VCE = 35 V
---
---
1.0
mA
HFE
VCE = 5 V
IC = 100 mA
30
---
300
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 1025 - 1150 MHz
PIN = 0.25W
VCC = 35V
2.0
---
---
W
ηηηηC
f = 1025 - 1150 MHz
PIN = 0.25W
VCC = 35V
35
---
---
%
GP
f = 1025 - 1150 MHz
PIN = 0.25W
VCC = 35V
9.0
---
---
dB
Conditions Pulse Width = 10
µµµµSec
Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
Ω)
Ω)
ZCL(
Ω)
Ω)
Ω)
Ω)
960 MHz
10.7 + j7.0
26.5 + j41.0
1025 MHz
15.3 + j10.0
26.0 + j43.5
1090 MHz
17.8 + j10.2
23.5 + j44.0
1150 MHz
16.8 + j15.0
20.5 + j41.5
1215 MHz
14.4 + j13.0
17.5 + j37.5
PIN = 0.25 W
VCC = 35 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com