Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 3 Page - CUI INC

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT21 Datasheet(HTML) 3 Page - CUI INC

  AMT21 Datasheet HTML 1Page - CUI INC AMT21 Datasheet HTML 2Page - CUI INC AMT21 Datasheet HTML 3Page - CUI INC AMT21 Datasheet HTML 4Page - CUI INC AMT21 Datasheet HTML 5Page - CUI INC AMT21 Datasheet HTML 6Page - CUI INC AMT21 Datasheet HTML 7Page - CUI INC AMT21 Datasheet HTML 8Page - CUI INC AMT21 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 06/29/2018
│ page 3 of 10
CUI Inc
│ SERIES: AMT21 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
RS485 INTERFACE (CONTINUED)
Set Zero Position (Single-Turn Encoders Only)
Hex command sequence: 0x35 0xA5 0x7E
Set Zero Position
Figure 2
Command
START 0123456
7
STOP
0x35 0xA5 0x7E Sequence for SettingZero Position
7
6
5
4
3
2
1
0
START
START 0123456
7 STOP
STOP
The encoder will not give a response but will store the zero position, and then restart. This operation takes approximately
200 ms.
Read Turns Counter (Multi-Turn Encoders Only)
Command char: U
Hex command sequence: 0x55
Read Turns Counter
START
H3 H4 H5 K0 K1 STOP
0xFF low byte response
0x3F high byte response
L3
L2
L1
L0
L4
L5
L6
L7
STOP START H0 H1 H2
7 STOP
0x55 Read Turns Counter
Response
Command
START
0
1
2
3
4
5
6
The turns counter is stored as a 14-bit signed number. The encoder responds with two bytes using the same checkbit
formula as is used for position. After removing the check bits K0 and K1 the resulting value is still 0x3FFF. Since this is a
signed number the resulting turns counter value is -1. The turns counter is always zero at startup, a battery backup may
be required to prevent loss of turns count.
Read Position and Turns (Multi-Turn Encoders Only)
Command char: V
Hex command sequence: 0x56
Read Position and Turns
The encoder responds with the position response in the same format as is received by the 0x54 position command,
immediately followed by the turns counter in the same format as the 0x56 turns command.
Figure 3
Figure 4
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com