Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 6 Page - CUI INC

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT21 Datasheet(HTML) 6 Page - CUI INC

Back Button AMT21 Datasheet HTML 2Page - CUI INC AMT21 Datasheet HTML 3Page - CUI INC AMT21 Datasheet HTML 4Page - CUI INC AMT21 Datasheet HTML 5Page - CUI INC AMT21 Datasheet HTML 6Page - CUI INC AMT21 Datasheet HTML 7Page - CUI INC AMT21 Datasheet HTML 8Page - CUI INC AMT21 Datasheet HTML 9Page - CUI INC AMT21 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
cui.com
date 06/29/2018
│ page 6 of 10
CUI Inc
│ SERIES: AMT21 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
ENCODER INTERFACE
PINOUT CONNECTOR
#
Function
1
+5 V
2
B
3
A
4
GND
51
MODE
6
MCLR
AMT213
AMT212
Mating Connector2:
Molex 502578-0600
Notes:
1. Mode pin is used by AMT Viewpoint for configuring the encoder and should be left disconnected during normal operation.
2. Compatible with prototype cable AMT-06C-1-036 and programming cable AMT-06C-1-036-USB.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com