Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

086-10BM Datasheet(PDF) 1 Page - Mini-Circuits

Part # 086-10BM
Description  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

086-10BM Datasheet(HTML) 1 Page - Mini-Circuits

  086-10BM Datasheet HTML 1Page - Mini-Circuits 086-10BM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial Cable
086-BM+ Series
HAND
TM
CASE STYLE: KP2467
50Ω
DC to 3 GHz
The Big Deal
Key Features
Feature
Advantages
Hand-formable RF cables
Facilitates the assembly of coaxial systems and sub-systems without the need for special cable-
bending tools or adapters. Reduces the risk of damage during bending.
Tight bend-radius, 6mm
6mm bend-radius makes the cable ideal for connections in tight spaces and crowded layouts.
Low insertion loss
Minimizes overall signal path loss.
Excellent return loss
Minimizes signal reflection and VSWR ripple contribution.
BNC-Male connectors
Supports easy interconnection of components and equipment in systems with BNC connector
types.
Good power handling
• 211W at 0.5 GHz
• 80W at 3 GHz
Supports medium to high RF power levels used in transmit paths.
Product Overview
086-BM+ series Hand-Flex™ coaxial cables are ideal for interconnecting coaxial components and sub-assemblies
in a wide range of systems, including communications, military and aerospace, environmental test chambers and
more. The hand-formable cable provides a minimum bend radius of 6mm to accommodate tight layouts without
the need for bending tools, adapters or brackets. BNC-male connectors make these cables ideal for connection of
assemblies with BNC connector types. 086-BM+ series cables are available in a variety of lengths to meet your
system needs.
• Hand-formable to any shape, 6mm min bend radius
• BNC-Male connectors
• Excellent return loss
• Low insertion loss
• Ideal for interconnect of assembled systems


Similar Part No. - 086-10BM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
086-10SBSM MINI-086-10SBSM Datasheet
441Kb / 2P
Coaxial Cable
086-10SBSM+ MINI-086-10SBSM+ Datasheet
441Kb / 2P
Coaxial Cable
086-10SM MINI-086-10SM Datasheet
558Kb / 3P
Coaxial Cable
086-10SM+ MINI-086-10SM+ Datasheet
558Kb / 3P
Coaxial Cable
086-10SM+ MINI-086-10SM+ Datasheet
921Kb / 1P
COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
More results

Similar Description - 086-10BM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com