Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

086-10BM Datasheet(PDF) 2 Page - Mini-Circuits

Part # 086-10BM
Description  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

086-10BM Datasheet(HTML) 2 Page - Mini-Circuits

  086-10BM Datasheet HTML 1Page - Mini-Circuits 086-10BM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Rev. OR
M163151
086-10BM+
TD/CP
170727
Typical Performance Data
0.0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
086-10BM+
INSERTION LOSS
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
BNC-Male
BNC-Male
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
086-10BM+
RETURN LOSS
BNC-MALE
BNC-MALE
50Ω
10 inch DC to 3 GHz
CASE STYLE: KP2467-10
086-10BM+
Outline Dimensions (
)
inch
mm
A
B
C1
C2
D
10.0
.57
.59
--
.57
254.00
14.5
14.99
--
14.5
E1
E2
F
T
wt
.59
--
.108
0.10
grams
14.99
--
2.75
2.54
24.97
Coaxial Cable
HAND
TM
Cable Construction
Outline Drawing
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Power Handling at 25°C, 211W at 0.5 GHz
Sea Level
150W at
1 GHz
101W at
2 GHz
80W at
3 GHz
Permanent damage may occur if any of these limits are exceeded.
10
0.02
48.6
53.6
250
0.09
48.9
52.8
400
0.12
42.5
43.4
620
0.15
46.9
47.4
850
0.18
36.4
36.4
1000
0.19
36.8
38.4
1220
0.21
37.1
36.8
1450
0.23
37.0
36.9
1600
0.24
36.6
40.0
1820
0.26
31.6
31.7
2050
0.27
31.4
39.3
2200
0.28
26.5
33.4
2420
0.30
48.4
36.0
2800
0.32
28.4
32.0
3000
0.33
27.5
32.1
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
3
GHz
Length2
10
inches
Insertion Loss
DC - 3
—
0.22
0.6
dB
Return Loss
DC - 3
19
37
—
dB
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Features
• Wideband frequency coverage, DC to 3 GHz
• Low Loss, 0.3 dB at 3 GHz
• Excellent Return Loss, 30 dB at 3 GHz
• Hand formable to almost any custom shape without
special bending tools
• 6mm bend radius for tight installations
• Insulated outer jacket standard1
• Connector interface, meets MIL-STD-348
•
Ideal for interconnect of assembled systems
Applications
• Replacement for custom bent 0.086" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace system
• Environmental and test chambers
Center Conductor: Silver Plated Copper Clad Steel
Dielectric: Solid PTFE
Outer Shield: Copper braid, tin soaked
Jacket: FEP, Blue (Unjacketed cable also available
upon request)
Connectors: Body & Coupling Nut: Brass, Nickel Plated
Center Pin: Brass, Gold Plated
Connectors
Model
BNC-Male
086-10BM+
1. Unjacketed cable also available upon request.
2. Custom sizes available, consult factory.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com