Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X3100 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X3100
Description  3 or 4 Cell Li-ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X3100 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X3100 Datasheet HTML 17Page - Renesas Technology Corp X3100 Datasheet HTML 18Page - Renesas Technology Corp X3100 Datasheet HTML 19Page - Renesas Technology Corp X3100 Datasheet HTML 20Page - Renesas Technology Corp X3100 Datasheet HTML 21Page - Renesas Technology Corp X3100 Datasheet HTML 22Page - Renesas Technology Corp X3100 Datasheet HTML 23Page - Renesas Technology Corp X3100 Datasheet HTML 24Page - Renesas Technology Corp X3100 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
X3100, X3101
FN8110 Rev 1.00
Page 21 of 40
January 3, 2008
MONITOR MODE
Analog Multiplexer Selection
The X3100 and X3101 can be used to externally monitor
individual battery cell voltages, and battery current. Each
quantity can be monitored at the analog output pin (AO),
and is selected using the analog select (AS0 - AS2) pins
(Table 25). Also, see Figure 7.
Current Monitor Function
The voltages monitored at pins VCS1 and VCS2 can be
used to calculate current flowing through the battery ter-
minals, using an off-board microcontroller with an A/D.
Since the value of the sense resistor (RSENSE) is small
(typically in the order of tens of m
and since the reso-
lution of various A/D converters may vary, the voltage
across RSENSE (VCS1 and VCS2) is amplified internally
with a gain of between 10 and 160, and output to pin AO
(Figure 7).
Figure 7. X3100/X3101 Monitor Circuit
[3]
— The device detects the load resistance has risen above ROCR.
— Voltages P+ and VCS21 return to their normal levels.
— The test current from pin OVP/LMON is stopped (ILMON = 0µA)
— The device has now returned from the load monitor state
— The internal over-current release time timer begins counting down.
— Device is still in over-current protection mode.
(3,4)
The internal over-current release timer continues counting for TOCR seconds.
[4]
— The internal over-current release timer times out, and VCS21 is still below VOC.
— The device returns from over-current protection mode, and is now in normal operation mode.
— The discharge FET is automatically switched ON (UVP/OCP = Vss)—unless the status of UVPC has been
changed in the control register during the over-current protection mode.
— The status of the charge FET remains unaffected.
— Discharge of the battery cells is once again possible.
Table 24. Over-Current Protection Mode—Event Diagram Description (Continued)
Event
Event Description
Table 25. AO Selection Map
AS2 AS1 AS0
AO output
LL
L
VSS(1)
LL
H
VCELL1 - VCELL2 (VCELL12)
LH
L
VCELL2 - VCELL3 (VCELL23)
LH
H
VCELL3 - VCELL4 (VCELL34)
HL
L
VCELL4 - Vss (VCELL4)
HL
H
VCS1 - VCS2 (VCS12)(2)
HH
L
VCS2 - VCS1 (VCS21)(2)
HH
H
VSS
Notes: (1) This is the normal state of the X3100 or X3101. While
in this state Over-charge and Over-discharge Protec-
tion conditions are periodically monitored (See “Peri-
odic Protection Monitoring” on page 13.)
(2) VCS1, VCS2 are read at AO with respect to a DC bias
voltage of 2.5V (See section “Current Monitor Func-
tion” on page 21).
Over-Current
Protection
VCS1
VCS2
+
-
CSG1 CSG0
Config
Register
AS0
AS1
AS2
AO
SPI
I/F
S0
SCL
CS
SI
RSENSE
Gain
Setting
Cross-Bar
Switch
X3100/X3101
OP1
Voltage
Level
Shifters
Cell 1 Voltage
Cell 2 Voltage
Cell 3 Voltage
Cell 4 Voltage
2.5V
P-
R2
R2
R1
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com