Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X3100 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # X3100
Description  3 or 4 Cell Li-ion Battery Protection and Monitor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X3100 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button X3100 Datasheet HTML 20Page - Renesas Technology Corp X3100 Datasheet HTML 21Page - Renesas Technology Corp X3100 Datasheet HTML 22Page - Renesas Technology Corp X3100 Datasheet HTML 23Page - Renesas Technology Corp X3100 Datasheet HTML 24Page - Renesas Technology Corp X3100 Datasheet HTML 25Page - Renesas Technology Corp X3100 Datasheet HTML 26Page - Renesas Technology Corp X3100 Datasheet HTML 27Page - Renesas Technology Corp X3100 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
X3100, X3101
FN8110 Rev 1.00
Page 24 of 40
January 3, 2008
Write Enable/Write Disable (WREN/WRDI)
Any write to a nonvolatile array or register, requires the
WREN command be sent prior to the write command.
This command sets an internal latch allowing the write
operation to proceed. The WRDI command resets the
internal latch if the system decides to abort a write oper-
ation. See Figure 9.
Figure 9. EEPROM Write Enable Latch (WREN/WRDI) Operation Sequence
Table 30. X3100/X3101 Instruction Set
Instruction
Name
Instruction
Format*
Description
WREN
0000 0110
Set the write enable latch (write enable operation)—Figure 9
WRDI
0000 0100
Reset the write enable latch (write disable operation)—Figure 9
EEWRITE
0000 0010
Write command followed by address/data (4kbit EEPROM)—Figure 10, Figure 11
EEREAD STAT
0000 0101
Reads IDLock settings & status of EEPROM EEWRITE instruction—Figure 12
EEREAD
0000 0011
Read operation followed by address (for 4kbit EEPROM)—Figure 13
WCFIG
0000 1001
Write to configuration register followed by two bytes of data—Figure 2, Figure 14.
Data stored in SRAM only and will power-up to previous settings—Figure 1
WCNTR
0000 1010
Write to control register, followed by two bytes of data—Figure 15
RDSTAT
0000 1011
Read contents of status register—Figure 16
SET IDL
0000 0001
Set EEPROM ID lock partition followed by partition byte—Figure 17
*Instructions have the MSB in leftmost position and are transferred MSB first.
01
234
567
CS
SI
SCK
High Impedance
SO
Instruction
(1 Byte)
WREN
WRDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com