Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9268 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9268 Datasheet HTML 1Page - Renesas Technology Corp X9268 Datasheet HTML 2Page - Renesas Technology Corp X9268 Datasheet HTML 3Page - Renesas Technology Corp X9268 Datasheet HTML 4Page - Renesas Technology Corp X9268 Datasheet HTML 5Page - Renesas Technology Corp X9268 Datasheet HTML 6Page - Renesas Technology Corp X9268 Datasheet HTML 7Page - Renesas Technology Corp X9268 Datasheet HTML 8Page - Renesas Technology Corp X9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN8172 Rev.4.00
Page 1 of 22
August 29, 2006
FN8172
Rev.4.00
August 29, 2006
X9268
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP™)
Potentiometers
DATASHEET
FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/Pot–0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance, 100
 typical @ V+ = 5V,
V- = -5V
• 16 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current <5µA Max
•VCC: ±2.7V to ±5.5V Operation
•50k
, 100k Versions of End to End Pot
Resistance
• Endurance: 100,000 Data Changes per Bit per
Register
• 100 yr. Data Retention
• 24 Ld SOIC
• Low Power CMOS
• Power Supply VCC = ±2.7V to ±5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The
X9268
integrates
2
digitally
controlled
potentiometer (XDCP) on a monolithic CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-Wire bus interface. Each potentiometer has
associated with it a volatile Wiper Counter Register
(WCR) and a four nonvolatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default Data Register (DR0)
to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
RH0
RL0
RW0
VCC
VSS
2-Wire
Bus
50k
 or 100k versions
RH1
RL1
RW1
Power-on Recall
Wiper Counter
Registers (WCR)
Data Registers
(DR0–DR3)
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control
V+
V-


Similar Part No. - X9268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9268 INTERSIL-X9268 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9268 INTERSIL-X9268 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9268 INTERSIL-X9268 Datasheet
323Kb / 22P
Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
X9268TS24 INTERSIL-X9268TS24 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
More results

Similar Description - X9268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 20, 2011
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9418 RENESAS-X9418 Datasheet
827Kb / 20P
Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com