Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9268 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X9268 Datasheet HTML 12Page - Renesas Technology Corp X9268 Datasheet HTML 13Page - Renesas Technology Corp X9268 Datasheet HTML 14Page - Renesas Technology Corp X9268 Datasheet HTML 15Page - Renesas Technology Corp X9268 Datasheet HTML 16Page - Renesas Technology Corp X9268 Datasheet HTML 17Page - Renesas Technology Corp X9268 Datasheet HTML 18Page - Renesas Technology Corp X9268 Datasheet HTML 19Page - Renesas Technology Corp X9268 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 16 of 22
August 29, 2006
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP AND DOWN REQUIREMENTS
The are no restrictions on the sequencing of the bias supplies VCC, V+, and V- provided that all three supplies reach
their final values within 1msec of each other. At all times, the voltages on the potentiometer pins must be less than V+
and more than V-. The recall of the wiper position from nonvolatile memory is not in effect until all supplies reach their
final value. The VCC ramp rate spec is always in effect.
A.C. TEST CONDITIONS
Notes: (6) This parameter is not 100% tested
(7) tPUR and tPUW are the delays required from the time the (last) power supply (VCC-) is stable until the specific instruction can be issued.
These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ICC1
VCC supply current
(active)
fSCL = 400kHz; VCC = +6V;
SDA = Open; (for 2-Wire, Active, Read and
Volatile Write States only)
3mA
ICC2
VCC supply current
(nonvolatile write)
fSCL = 400kHz; VCC = +6V;
SDA = Open; (for 2-Wire, Active,
Nonvolatile Write State only)
5mA
ISB
VCC current (standby)
VCC = +6V; VIN = VSS or VCC;
SDA = VCC; (for 2-Wire, Standby State only)
5
A
ILI
Input leakage current
VIN = VSS to VCC
10
A
ILO
Output leakage current
VOUT = VSS to VCC
10
A
VIH
Input HIGH voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW voltage
-1
VCC x 0.3
V
VOL
Output LOW voltage
IOL = 3mA
0.4
V
VOH
Output HIGH voltage
Parameter
Min.
Units
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Test
Max.
Units
Test Conditions
CIN/OUT(6)
Input / Output capacitance (SDA)
8
pF
VOUT = 0V
CIN(6)
Input capacitance (SCL, WP, A3, A2, A1 and A0)6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Units
tr VCC(6)
VCC Power-up rate
0.2
50
V/ms
tPUR(7)
Power-up to initiation of read operation
1
ms
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com