Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9541 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 9Page - NXP Semiconductors PCA9541 Datasheet HTML 10Page - NXP Semiconductors PCA9541 Datasheet HTML 11Page - NXP Semiconductors PCA9541 Datasheet HTML 12Page - NXP Semiconductors PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
13
POWER-ON RESET
When power is applied to VDD, an internal Power-On Reset holds
the PCA9541 in a reset condition until VDD has reached VPOR. At
this point, the reset condition is released and the internal registers
are initialized to their default states, with:
Default
Stop Detect
PCA9541/01
Channel 0
PCA9541/02
Channel 0
n
PCA9541/03
No Channel
1. PCA9541/01: after power-up and/or insertion of the device in the
main I2C-bus, the upstream Channel 0 and the downstream
slave channel are connected together.
2. PCA9541/02: after power-up and/or insertion of the device in the
main I2C-bus, the upstream Channel 0 and the downstream
slave channel are connected together after a STOP condition
has been detected by the PCA9541/02 on Channel 0.
– If the bus was not idle, Channel 0 and the downstream slave
device will be connected together as soon as a STOP
condition occurs at the conclusion of the transmission
sequence on Channel 0.
– If the bus was idle, then Channel 0 is connected to the
downstream slave channel after a STOP condition is detected
on Channel 0. This I2C-bus command may or may not be
addressed to the PCA9541/02.
– If a switch to channel 1 (initiated by the master on channel 1)
is requested (before or after the default switch to Channel 0
has been performed), the upstream channel 1 is connected to
the downstream slave channel when the master located in
Channel 1 sends the STOP command.
3. PCA9541/03: after power-up and/or insertion of the device in the
main I2C-bus, no channel will be connected to the downstream
channel. The device is ready to receive a START condition and
its address by a master.
If either register writes to its Control Register, then the
connection between the upstream and the downstream channels
is determined by the values on the Control Registers.
Thereafter, VDD must be lowered below 0.2 V to reset the device.
EXTERNAL RESET
A reset can be accomplished by holding the RESET pin LOW for a
minimum of tW. The PCA9541 registers and I2C state machine will
be held in their default states until the RESET input is once again
HIGH. This input typically requires a pull-up resistor to VDD.
Default states are:
–I2C upstream Channel 0 connected to the I2C downstream
channel for the PCA9541/01
– no I2C upstream channel connected to the I2C downstream
channel for the PCA9541/02 with Channel 0 connected to the
downstream I2C channel after detection of a STOP on the
upstream channel.
– no I2C upstream channel connected to the I2C downstream
channel for the PCA9541/03.
VOLTAGE TRANSLATION
The pass gate transistors of the PCA9541 are constructed such that
the VDD voltage can be used to limit the maximum voltage that will
be passed from one I2C-bus to another.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Vpass vs. VDD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vpass
VDD
MINIMUM
TYPICAL
MAXIMUM
SW00820
2.0
Figure 7. Vpass voltage
Figure 7 shows the voltage characteristics of the pass gate
transistors (note that the graph was generated using the data
specified in the DC Characteristics section of this datasheet). In
order for the PCA9541 to act as a voltage translator, the Vpass
voltage should be equal to, or lower than the lowest bus voltage. For
example, if the main buses were running at 5 V, and the
downstream bus was 3.3 V, then Vpass should be equal to or below
3.3 V to effectively clamp the downstream bus voltages. Looking at
Figure 7, we see that Vpass (max.) will be at 3.3 V when the
PCA9541 supply voltage is 3.5 V or lower so the PCA9541 supply
voltage could be set to 3.3 V. Pull-up resistors can then be used to
bring the bus voltages to their appropriate levels (see Figure 16).
More Information on voltage translation can be found in Application
Note AN262
PCA954X family of I2C/SMBus multiplexers and
switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com