Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9541 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C master selector with interrupt logic and reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9541 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9541 Datasheet HTML 1Page - NXP Semiconductors PCA9541 Datasheet HTML 2Page - NXP Semiconductors PCA9541 Datasheet HTML 3Page - NXP Semiconductors PCA9541 Datasheet HTML 4Page - NXP Semiconductors PCA9541 Datasheet HTML 5Page - NXP Semiconductors PCA9541 Datasheet HTML 6Page - NXP Semiconductors PCA9541 Datasheet HTML 7Page - NXP Semiconductors PCA9541 Datasheet HTML 8Page - NXP Semiconductors PCA9541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Philips Semiconductors
Product data sheet
PCA9541
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
3
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
16-Pin Plastic SO
–40 to +85
°C
PCA9541D/01
PCA9541D/01
SOT109-1
16-Pin Plastic TSSOP
–40 to +85
°C
PCA9541PW/01
9541/01
SOT403-1
16-Pin Plastic HVQFN
–40 to +85
°C
PCA9541BS/01
41/1
SOT629-1
16-Pin Plastic SO
–40 to +85
°C
PCA9541D/02
PCA9541D/02
SOT109-1
16-Pin Plastic TSSOP
–40 to +85
°C
PCA9541PW/02
9541/02
SOT403-1
16-Pin Plastic HVQFN
–40 to +85
°C
PCA9541BS/02
41/2
SOT629-1
16-Pin Plastic SO
–40 to +85
°C
PCA9541D/03
PCA9541D/03
SOT109-1
16-Pin Plastic TSSOP
–40 to +85
°C
PCA9541PW/03
9541/03
SOT403-1
16-Pin Plastic HVQFN
–40 to +85
°C
PCA9541BS/03
41/3
SOT629-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.
PIN CONFIGURATION
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
INT0
SDA_MST0
SCL_MST0
RESET
SCL_MST1
SDA_MST1
INT1
VSS
VDD
A3
INT_IN
SDA_SLAVE
SCL_SLAVE
A2
A1
A0
SW02008
Figure 1. SO16/TSSOP16 pin configuration.
12
11
10
9
1
2
3
4
SW02034
TOP VIEW
SCL_MST0
RESET
SCL_SLAVE
A2
A3
SDA_SLAVE
SCL_MST1
SDA_MST1
Figure 2. HVQFN16 pin configuration.
PIN DESCRIPTION
SO/TSSOP
PIN NUMBER
HVQFN PIN NUMBER
SYMBOL
FUNCTION
1
15
INT0
Active LOW interrupt output 0 (external pull-up required)
2
16
SDA_MST0
Serial data master 0 (external pull-up required)
3
1
SCL_MST0
Serial clock master 0 (external pull-up required)
4
2
RESET
Active LOW reset input (external pull-up required)
5
3
SCL_MST1
Serial clock master 1 (external pull-up required)
6
4
SDA_MST1
Serial data master 1 (external pull-up required)
7
5
INT1
Active LOW interrupt output 1 (external pull-up required)
8
6
VSS
Supply ground
9
7
A0
Address input 0 (externally held to GND or VCC)
10
8
A1
Address input 1 (externally held to GND or VCC)
11
9
A2
Address input 2 (externally held to GND or VCC)
12
10
A3
Address input 3 (externally held to GND or VCC)
13
11
SCL_SLAVE
Serial clock slave (external pull-up required)
14
12
SDA_SLAVE
Serial data slave (external pull-up required)
15
13
INT_IN
Active LOW interrupt input (external pull-up required)
16
14
VDD
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com