Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9421 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9421
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9421 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9421 Datasheet HTML 9Page - Renesas Technology Corp X9421 Datasheet HTML 10Page - Renesas Technology Corp X9421 Datasheet HTML 11Page - Renesas Technology Corp X9421 Datasheet HTML 12Page - Renesas Technology Corp X9421 Datasheet HTML 13Page - Renesas Technology Corp X9421 Datasheet HTML 14Page - Renesas Technology Corp X9421 Datasheet HTML 15Page - Renesas Technology Corp X9421 Datasheet HTML 16Page - Renesas Technology Corp X9421 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
X9421
FN8196 Rev.1.00
Page 13 of 20
January 14, 2009
AC Test Conditions
Equivalent AC Load Circuit
Circuit #3 SPICE Macro Model
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
5V
1533
100pF
SDA Output
2.7V
100pF
10pF
RH
RTOTAL
CH
25pF
CW
CL
10pF
RW
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com