Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9421 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9421
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9421 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9421 Datasheet HTML 1Page - Renesas Technology Corp X9421 Datasheet HTML 2Page - Renesas Technology Corp X9421 Datasheet HTML 3Page - Renesas Technology Corp X9421 Datasheet HTML 4Page - Renesas Technology Corp X9421 Datasheet HTML 5Page - Renesas Technology Corp X9421 Datasheet HTML 6Page - Renesas Technology Corp X9421 Datasheet HTML 7Page - Renesas Technology Corp X9421 Datasheet HTML 8Page - Renesas Technology Corp X9421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN8196 Rev.1.00
Page 1 of 20
January 14, 2009
FN8196
Rev.1.00
January 14, 2009
X9421
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP™)
Potentiometer
DATASHEET
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Description
The X9421 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the SPI bus interface. The potentiometer
has associated with it a volatile Wiper Counter Register
(WCR) and a four non-volatile Data Registers that can be
directly written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor array
though the switches. Power-up recalls the contents of the
default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Single Voltage Potentiometer
• 64 Resistor Taps
• SPI Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 150
 Typical at 5V
• 4 Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on
Power-up.
• Standby Current < 5µA Max
•VCC : 2.7V to 5.5V Operation
•2.5k
, 10k End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 Data Changes per Bit per Register
• 14 Ld TSSOP, 16 Ld SOIC
• Low Power CMOS
• Pb-Free Available (RoHS Compliant)
Block Diagram
64-TAPS
10k
INC / DEC
RH/VH
RL/VL
RW/VW
POT
VCC
VSS
SPI
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
TRANSFER
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
4 BYTES
CONTROL
INTERFACE
BUS
INTERFACE &
CONTROL
NOT RECOMMENDED FOR NEW DESIGNS
POSSIBLE SUBSTITUTE PRODUCT
ISL22416, ISL22419


Similar Part No. - X9421

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
X9421 INTERSIL-X9421 Datasheet
333Kb / 20P
Single Digitally Controlled (XDCP?? Potentiometer
January 14, 2009
X9421 INTERSIL-X9421 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9421 INTERSIL-X9421 Datasheet
333Kb / 20P
Single Voltage Potentiometer
More results

Similar Description - X9421

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9420 RENESAS-X9420 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com