Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R2000F
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R2000F Datasheet HTML 1Page - List of Unclassifed Manufacturers R2000F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE RECTIFIER
VOLTAGE RANGE
1200 to 5000 Volts
R1200F THRU R5000F
CURRENT
0.2 to 0.5 Ampere
FEATURES
DO-41
DO-15
•
Low Leakage
•
High Surge Capacity
•
High current capability
•
High Temperature soldering guaranteed:
260
OC / 10 second, 0.375” (9.5mm) lead length
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V – 0 rate flame retardant
•
Polarity: Color Band denotes cathode end
•
Lead: Plated axial lead, solderable per
MIL – STD-202E Method 208C
•
Mounting Position: Any
•
Weight: 0.012 ounce, 0.33 gram (DO-41)
0.014 ounce, 0.39 gram (DO-15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
R
1200F
R
1500F
R
1800F
R
2000F
R
2500F
R
3000F
R
4000F
R
5000F
UNIT
Package
DO-41 DO-41 DO41 DO-41 DO-15 D0-15 DO-15 DO-15
Maximum Repetitive Peak Reverse Voltage
VRRM
1200 1500 1800 2000 2500 3000 4000 5000
Volts
Maximum RMS Voltage
VRMS
840
1050 1260 1400 1750 2100 2800 3500
Volts
Maximum DC Blocking Voltage
VDC
1200 1500 1800 2000 2500 3000 4000 5000
Volts
Maximum Average Forward Rectified Current,
0.375” (9.5mm) lead length at TA = 50
OC
I(AV)
500
200
mA
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 0.5/0.2A
VF
2.5
6.0
5.0
6.5
Volts
Maximum DC Reverse Current at Rated
TA = 25
OC
IR
5.0
µA
Maximum Full Load Reverse Current, Full Cycle average
0.375” (9.5mm) lead length at TA = 55
OC
IR(AV)
100
µA
Maximum Reverse Recovery Time
Test conditions IF = 0.5A, IR = 1.0A, IRR = 0.25A
trr
500
nS
Operating Junction Temperature Range
TJ
(-65 to +150)
OC
Storage Temperature Range
TSTG
(-65 to +150)
OC
Sep-03, Rev A
Micro Electronic Instrument Inc.


Similar Part No. - R2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2000F RECTRON-R2000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Jinan Gude Electronic D...
R2000F JGD-R2000F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R2000F BYTES-R2000F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2000F DCCOM-R2000F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
R2000F DIODES-R2000F Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21102 Rev. G-2
More results

Similar Description - R2000F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com