Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2804B Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOC2804B
Description  20V Common-Drain Dual N-Channel AlphaMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2804B Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOC2804B Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOC2804B
General Description
Product Summary
VSS
RSS(ON) (at VGS=4.5V)
< 34mΩ
RSS(ON) (at VGS=4.0V)
< 38mΩ
RSS(ON) (at VGS=3.7V)
< 40mΩ
RSS(ON) (at VGS=3.1V)
< 45mΩ
RSS(ON) (at VGS=2.5V)
< 56mΩ
Applications
Typical ESD protection
HBM Class 3A
Symbol
VSS
20V Common-Drain Dual N-Channel AlphaMOS
Orderable Part Number
Package Type
Form
Minimum Order Quantity
20V
• Trench Power AlphaMOS (αMOS LV) technology
• Low RSS(ON)
• Fully protected AlphaDFN package
• With ESD protection to improve battery performance and safety
• Common drain configuration for design simplicity
• RoHS and Halogen-Free Compliant
• Battery protection switch
• Mobile device battery charging and discharging
Rating
Units
AOC2804B
AlphaDFN 1.5x1.5_4
Tape & Reel
3000
20
Parameter
Source-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
AlphaDFN 1.5x1.5_4
Top View
Bottom View
G1
D1
S1
Top View
Bottom View
Pin1
2
1
3
4
G2
D2
S2
G2
S2
S1
G1
VSS
VGS
TA=25°C
IS
ISM
TA=25°C
PD
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Note 1. Is rated value is based on bare silicon. Mounted on 70mmx70mm FR-4 board.
Note 2. PW <10 µs pulses, duty cycle 1% max.
Thermal Characteristics
W
60
6
Source Current(DC)
Note1
Power Dissipation
Note1
A
Typ
Parameter
°C
Units
Junction and Storage Temperature Range
-55 to 150
Maximum Junction-to-Ambient
°C/W
RθJA
°C/W
Maximum Junction-to-Ambient
85
96
20
1.3
Gate-Source Voltage
Source Current(Pulse)
Note2
Source-Source Voltage
V
±12
V
Rev.1.0: July 2015
www.aosmd.com
Page 1 of 5


Similar Part No. - AOC2804B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2804 AOSMD-AOC2804 Datasheet
370Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
More results

Similar Description - AOC2804B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8820 AOSMD-AO8820_12 Datasheet
205Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
AO8822 AOSMD-AO8822_11 Datasheet
202Kb / 5P
20V Common-Drain Dual N-Channel MOSFET
AON5820 AOSMD-AON5820 Datasheet
278Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
AOC2804 AOSMD-AOC2804 Datasheet
370Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2806 AOSMD-AOC2806 Datasheet
364Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2870 AOSMD-AOC2870 Datasheet
363Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC3864 AOSMD-AOC3864 Datasheet
474Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com