Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOC2804B Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOC2804B
Description  20V Common-Drain Dual N-Channel AlphaMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2804B Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOC2804B Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2804B Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOC2804B
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
3
6
9
12
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0.1
1
10
100
1E-050.00010.001 0.01
0.1
1
10
100 1000
Pulse Width (s)
V
SS=10V
I
S=3A
T
J(Max)=150°C
T
A=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
V
SS (Volts)
V
> or equal to 2.5V
10
µs
1ms
DC
R
SS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
µs
10ms
1.05
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note1)
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note1)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
V
GS> or equal to 2.5V
Figure 9: Maximum Forward Biased Safe
Operating Area (Note1)
Rev.1.0: July 2015
www.aosmd.com
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com