Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2EV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2EV
Description  3.3V Low Frequency Oscillator for Extreme Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2EV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2EV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 4Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCSO2EV 1/5
v1.0
MCSO2EV
MCSO2EV
3.3V Low Frequency Oscillator for
3.3V Low Frequency Oscillator for
Extreme Environments
Extreme Environments
Suitable for Avionics, Down-hole, Geothermal etc
Extreme temperature ranges up to 210°C
High stability & low ageing under extremes
High shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability (max)
see note below
Any
±100ppm over -55 to +125°C
C
±150ppm over -55 to +150°C
E
±300ppm over -55 to +175°C
D
±400ppm over -55 to +210°C
G
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1, not available under 500kHz)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*
*


Similar Part No. - MCSO2EV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Golledge Electronics Lt...
MCSO2E GOLLEDGE-MCSO2E Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2E GOLLEDGE-MCSO2E Datasheet
556Kb / 4P
5.0V Low Frequency Oscillator for Extreme Environments
MCSO2E/DE GOLLEDGE-MCSO2E/DE Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2EH GOLLEDGE-MCSO2EH Datasheet
140Kb / 1P
CMOS Oscillator
More results

Similar Description - MCSO2EV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2E GOLLEDGE-MCSO2E_18 Datasheet
556Kb / 4P
5.0V Low Frequency Oscillator for Extreme Environments
MCSO2EHV GOLLEDGE-MCSO2EHV Datasheet
550Kb / 4P
3.3V High Frequency Oscillator for Extreme Environments
MCSO2EW GOLLEDGE-MCSO2EW Datasheet
556Kb / 4P
2.5V Low Frequency Oscillator for Extreme Environments
MCSO1E GOLLEDGE-MCSO1E_18 Datasheet
552Kb / 4P
5.0VLowFrequency Oscillator for ExtremeEnvironments
MCSO1EHV GOLLEDGE-MCSO1EHV Datasheet
549Kb / 4P
3.3V High Frequency Oscillator for Extreme Environments
MCSO1EW GOLLEDGE-MCSO1EW Datasheet
552Kb / 4P
2.5V Low Frequency Oscillator for Extreme Environments
MCSO1EV GOLLEDGE-MCSO1EV Datasheet
552Kb / 4P
3.3V Low Frequency Oscillator for Extreme Environments
MCSO1ELV GOLLEDGE-MCSO1ELV Datasheet
549Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELV GOLLEDGE-MCSO2ELV Datasheet
547Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
logo
Thinki Semiconductor Co...
F30UA60S THINKISEMI-F30UA60S Datasheet
3Mb / 3P
30Amperes,600Volts Insulated Ultra Fast Soft Recovery Epitaxial Diode
Rev.08T
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com