Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2EV Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MCSO2EV
Description  3.3V Low Frequency Oscillator for Extreme Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2EV Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MCSO2EV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 4Page - Golledge Electronics Ltd MCSO2EV Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCSO2EV 2/5
v1.0
Frequency range 10.0kHz ~ 20MHz
Dimensions
5.0 x 3.2 x 1.7mm
Supply voltage
(V )
+3.3V (±5%)
Storage
temperature
range
-65 to +125°C
Supply current
32kHz : 1mA
≤
10MHz : 4mA
>10 ~ 20MHz : 5mA
Driving ability
CMOS
Load
3pF min, 47pF max
Logic levels
‘0’ level = +0.4V max
‘1’ level = V -0.5V min
Start up time
5ms max
Waveform
symmetry
40:60 max @ 50%V
Rise / fall time
7ns max (≤20MHz, 15pF, 20~80%V )
3ns max (>20MHz, 15pF, 10~90%V )
150ns max @ 32.768kHz
Shock
resistance
10,000g, 0.3ms, ½ sine
Vibration
resistance
80g rms 10.0 ~ 2,000Hz
Soldering
condition
260°C, 10 sec max
SPECIFICATIONS
DD
DD
DD
P-P
P-P
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com