Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCLFHT Datasheet(PDF) 1 Page - Rohm

Part # MMBZ27VCLFHT
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ27VCLFHT Datasheet(HTML) 1 Page - Rohm

  MMBZ27VCLFHT Datasheet HTML 1Page - Rohm MMBZ27VCLFHT Datasheet HTML 2Page - Rohm MMBZ27VCLFHT Datasheet HTML 3Page - Rohm MMBZ27VCLFHT Datasheet HTML 4Page - Rohm MMBZ27VCLFHT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBZ27VCLFH
Transient Voltage Suppressor
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          ●Outline
VRWM
22
V
     
 
PPP
40
W
 
 
VCL
38
V
 
 
 
 
 
     
●Features
●Inner Circuit
Small mold type
High reliability
●Application
●Packaging Specification
ESD Protection
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Basic Ordering Unit(pcs)
3000
Silicon Epitaxial Planar
Taping Code
T116
Marking
5T
●Absolute Maximum Rating
                                       
Parameter
Symbol
Conditions
Min. Max.
Unit
Peak Pulse Power
Ppp
tp=10/1000us
-
40
W
Power dissipation
PD
on Glass-epoxy substrate
-
225
mW
on Alumina substrate
-
300
mW
Junction temperature
Tj
-
-
150
℃
Storage temperature
Tstg
-
-65
150
℃
ESD capability
VESD
IEC61000-4-2*
Contact
-
30
kV
Air
-
30
kV
Machine model
-
2
kV
Human body model (MIL-STD-883)
-
8
kV
CDM(Charged device model)
-
500
V
*IEC61000-4-2
C=150pF R=330Ω
                                                                                         
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/5
 
2017/06/06_Rev.001


Similar Part No. - MMBZ27VCLFHT

ManufacturerPart #DatasheetDescription
logo
Rohm
MMBZ27VCLFH ROHM-MMBZ27VCLFH Datasheet
1,015Kb / 6P
Transient Voltage Suppressor
Rev.001
More results

Similar Description - MMBZ27VCLFHT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com