Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCLFHT Datasheet(PDF) 2 Page - Rohm

Part # MMBZ27VCLFHT
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ27VCLFHT Datasheet(HTML) 2 Page - Rohm

  MMBZ27VCLFHT Datasheet HTML 1Page - Rohm MMBZ27VCLFHT Datasheet HTML 2Page - Rohm MMBZ27VCLFHT Datasheet HTML 3Page - Rohm MMBZ27VCLFHT Datasheet HTML 4Page - Rohm MMBZ27VCLFHT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBZ27VCLFH
                                    Data sheet
             
  
  
  
  
  
  
  
  
 
●Characteristics  
                                       
 
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Reverse Stand-off voltage
VRWM
-
-
-
22
V
Breakdown voltage
VBR
IT=1mA
25.65
-
28.35
V
Reverse current
IR
VR=22V
-
-
50
nA
Clamping voltage
VCL
Ipp=1A, tp=10/1000us
-
-
38
V
Forward voltage
VF
IF=200mA
-
-
1.1
V
Breakdown voltage (VBR) time is 40ms .
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/5
 
             
2017/06/06_Rev.001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com