Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2612AMSTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2612AMSTR
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612AMSTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2612AMSTR Datasheet HTML 2Page - Semtech Corporation SC2612AMSTR Datasheet HTML 3Page - Semtech Corporation SC2612AMSTR Datasheet HTML 4Page - Semtech Corporation SC2612AMSTR Datasheet HTML 5Page - Semtech Corporation SC2612AMSTR Datasheet HTML 6Page - Semtech Corporation SC2612AMSTR Datasheet HTML 7Page - Semtech Corporation SC2612AMSTR Datasheet HTML 8Page - Semtech Corporation SC2612AMSTR Datasheet HTML 9Page - Semtech Corporation SC2612AMSTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
COMPENSA
COMPENSA
COMPENSA
COMPENSA
COMPENSATION COMPONENTS
TION COMPONENTS
TION COMPONENTS
TION COMPONENTS
TION COMPONENTS - Once the filter com-
ponents have been determined, the compensation com-
ponents can be calculated. The goal of compensation is
to modify the frequency response characteristics of the
error amplifier to ensure that the closed loop feedback
system has the highest gain and bandwidth possible while
maintaining stability.
A simplified stability criteria states that the open loop
gain of the converter should fall through 0dB at 20dB/
decade at a frequency no higher than 20-25% of the
switching frequency.
This objective is most simply met by generating asymp-
totic bode plots of the small signal response of the vari-
ous sections of the converter.
L
VOUT
Co
SC2612 AND FETS
FB
OUT
COMP
Ra
MODULATOR
REF
+
-
EA
Rb
Resr
Zp
Zf
Zs
It is convenient to split the converter into two sections,
the Error amp and compensation components being one
section and the Modulator, output filter and divider be-
ing the other.
First calculate the DC Filter+Modulator+Divider gain
The DC filter gain is always 0dB, the Modulator gain is
19dB at 5V in and is proportional to Vin, so modulator
gain at any input voltage is.
÷
ø
ö
ç
è
æ
×
+
=
5
20
19
IN
MOD
V
Log
G
the divider gain is given by
÷÷ø
ö
ççè
æ
+
×
=
8
5
8
20
R
R
R
Log
G
DIV
So the total Filter+Modulator+Divider DC Gain is
÷÷ø
ö
ççè
æ
+
×
+
÷
ø
ö
ç
è
æ
×
+
=
B
A
B
IN
FMD
R
R
R
Log
V
Log
G
20
5
20
19
Calculate the filter double pole frequency (Fp(lc))
LCo
)
lc
(
Fp
p
=
2
1
and calculate ESR Zero frequency (Fz(esr))
sr
Re
Co
)
esr
(
Fz
×
×
p
=
2
1
Choose an open loop crossover frequency (Fco) no higher
than 20% of the switching frequency (Fs).
The proximity of Fz(esr) to the crossover frequency Fco
determines the type of compensation required, if
Fz(esr)>Fco/4, use type 3 compensation, otherwise use
type 2. Type 1 compensation is not appropriate and is
not discussed here.
Type 2 Example
As an example of type 2 compensation, we will use the
Evaluation board schematic.
3.3uH
VOUT
3000uF
SC2612 AND FETS
FB
OUT
COMP
6.98k
MODULATOR
REF
+
-
EA
8.06k
22mOhm
Cs
Cp
Rs
Vin=5V
The total Filter+Modulator+Divider DC Gain is
dB
.
.
.
.
Log
Log
G
FMD
6
13
06
8
98
6
06
8
20
5
5
20
19
=
÷
ø
ö
ç
è
æ
+
×
+
÷
ø
ö
ç
è
æ
×
+
=
This is drawn as the line A-B in Fig2
kHz
.
.
LCo
)
lc
(
Fp
6
1
10
3000
10
3
3
2
1
2
1
6
6
»
×
×
×
p
=
p
=
-
-
This is point B in Fig2.
kHz
.
)
esr
(
Fz
4
2
10
22
10
3000
2
1
3
6
=
×
×
×
×
p
=
-
-
This is point C in Fig2., the line joining B-C slopes at -
40dB/decade, the line joining C-D slopes at -20dB/de-
cade.
For 600kHz switching frequency, crossover is designed
for 100kHz.
Since Fz(esr)<<Fco/4 Type 2 compensation is appropri-
ate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com