Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2612AMSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2612AMSTR
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612AMSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2612AMSTR Datasheet HTML 4Page - Semtech Corporation SC2612AMSTR Datasheet HTML 5Page - Semtech Corporation SC2612AMSTR Datasheet HTML 6Page - Semtech Corporation SC2612AMSTR Datasheet HTML 7Page - Semtech Corporation SC2612AMSTR Datasheet HTML 8Page - Semtech Corporation SC2612AMSTR Datasheet HTML 9Page - Semtech Corporation SC2612AMSTR Datasheet HTML 10Page - Semtech Corporation SC2612AMSTR Datasheet HTML 11Page - Semtech Corporation SC2612AMSTR Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Layout Guidelines
Careful attention to layout requirements are necessary
for successful implementation of the SC2612 PWM con-
troller. High currents switching at high frequency are
present in the application and their effect on ground plane
voltage differentials must be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents
to particular areas, for example the input capacitor and
bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Bottom FET (Q2) must be kept as
small as possible. This loop contains all the high current,
fast transition switching. Connections should be as wide
and as short as possible to minimize loop inductance.
Minimizing this loop area will a) reduce EMI, b) lower
ground injection currents, resulting in electrically “cleaner”
grounds for the rest of the system and c) minimize source
ringing, resulting in more reliable gate switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this con-
nection has fast voltage transitions, keeping this con-
nection short will minimize EMI. The connection between
the output inductor and the output capacitors should be
a wide trace or copper area, there are no fast voltage or
current transitions in this connection and length is not
so important, however adding unnecessary impedance
will reduce efficiency.
L
12V IN
Cout
10uF
U1
SC2612
4
7
8
3
6
2
1
5
VCC
DH
BST
FB
DL
SS/EN
COMP
GND
Q1
10
Vin
Vout
GND
0.1uF
Cin
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com