Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHCS2000
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS2000 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHCS2000_15 Datasheet HTML 1Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 2Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 3Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 4Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 5Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZHCS2000
Document number: DS33221 Rev. 5 - 2
3 of 6
www.diodes.com
March 2015
© Diodes Incorporated
ZHCS2000
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR = 1mA
Forward Voltage (Note 7)
VF
-
290
325
mV
IF = 500mA
-
340
385
IF = 1000mA
-
380
445
IF = 1500mA
-
420
500
IF = 2000mA
-
485
615
IF = 3000mA
-
420
-
IF = 2000mA, TA = +100°C
Reverse Current
IR
-
160
300
A
VR = 30V
Diode Capacitance
CD
-
50
-
pF
f = 1MHz, VR = 25V
Reverse Recovery Time
trr
-
5.5
-
ns
Switched from IF = 500mA to
IR = 500mA
Measured @ IR = 50mA
Notes:
7
. Measured under pulsed conditions. Pulse width = 300μS. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com