Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHCS2000
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS2000 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHCS2000_15 Datasheet HTML 1Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 2Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 3Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 4Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 5Page - Diodes Incorporated ZHCS2000_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZHCS2000
Document number: DS33221 Rev. 5 - 2
1 of 6
www.diodes.com
March 2015
© Diodes Incorporated
ZHCS2000
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary
VR = 40V
IC = 2A
Description and Applications
A surface mount Schottky Barrier Diode featuring low forward voltage
drop suitable for high frequency rectification and reverse voltage
protection.
Mobile
DC-DC Converters
High Frequency Rectification
Features and Benefits
High Current Capability
Low Forward Voltage
Fast Recovery Time
Small Package Size
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe;
(Lead-Free Plating) Solderable per MIL-STD-202, Method 208
Weight: 0.016 grams (Approximate)
Ordering Information (Note 4)
Device
Packaging
Shipping
ZHCS2000TA
SOT26
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes I
ncorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For Packaging Details, go to our website at http:// www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT26
C
C
A
C
C
A
Top View
Pin Out
C
A
Device Symbol
ZS20 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
ZS20
SOT26


Similar Part No. - ZHCS2000_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS2000TA ZETEX-ZHCS2000TA Datasheet
302Kb / 6P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
ZHCS2000TA ZETEX-ZHCS2000TA Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS2000TA DIODES-ZHCS2000TA Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
DECEMBER 2002
logo
Zetex Semiconductors
ZHCS2000TC ZETEX-ZHCS2000TC Datasheet
302Kb / 6P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
ZHCS2000TC ZETEX-ZHCS2000TC Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS2000_15

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G490SD GTM-G490SD Datasheet
206Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 1A
logo
Diodes Incorporated
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
ZHCS350 DIODES-ZHCS350_15 Datasheet
144Kb / 5P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 3
ZHCS400 DIODES-ZHCS400_15 Datasheet
165Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com