Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2103ALAF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 3Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 4Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 5Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 7 of 28
May 3, 2011
Soft-start Delay Duration Accuracy
Turn-on delay (precise mode)
(Notes 13, 14)
-
±0.25
-
ms
Turn-on delay (normal mode) (Note 15)
-
-0.25/+4
-
ms
Turn-off delay (Note 15)
-
-0.25/+4
-
ms
Soft-start Ramp Duration Range
Set using SS pin or resistor
2
-
20
ms
Set using I2C/SMBus
0
-
200
ms
Soft-start Ramp Duration Accuracy
-
100
–
µs
Logic Input/output Characteristics
Logic Input Leakage Current
Digital pins
-250
-
250
nA
Logic input low, VIL
-
-
0.8
V
Logic input OPEN (N/C)
Multi-mode logic pins
-
1.4
-
V
Logic Input High, VIH
2.0
-
-
V
Logic Output Low, VOL
IOL  4mA
-
-
0.4
V
Logic Output High, VOH
IOH  -2mA
2.25
-
-
V
Oscillator and Switching Characteristics
Switch Node Current, ISW
Peak (source or sink) (Note 16)
-
-
4.5
A
Switching Frequency Range
200
-
1000
kHz
Switching Frequency Set-point Accuracy
Predefined settings (Table 9)
-5
-
5
%
PWM Duty Cycle (max)
Factory default (Note 17)
-
-
95
(Note 18)
%
SYNC Pulse Width (min)
150
-
-
ns
Input Clock Frequency Drift Tolerance
External clock source
-13
-
13
%
rDS(ON) of High Side N-channel FETs
ISW = 3A, VGS = 6.5V
-
60
85
m
rDS(ON) of Low Side N-channel FETs
ISW = 3A, VGS = 12V
-
43
65
m
Tracking
VTRK Input Bias Current
VTRK = 5.5V
-
110
200
µA
VTRK Tracking Ramp Accuracy
100% Tracking, VOUT - VTRK
-100
-
100
mV
VTRK Regulation Accuracy
100% Tracking, VOUT - VTRK
-1
-
1
%
Fault Protection Characteristics
UVLO Threshold Range
Configurable via I2C/SMBus
2.85
-
16
V
UVLO Set-point Accuracy
-150
-
150
mV
UVLO Hysteresis
Factory default
-
3
-
%
Configurable via I2C/SMBus
0
-
100
%
UVLO Delay
-
-
2.5
µs
Power-good VOUT Threshold
Factory default
-
90
-
% VOUT
Power-good VOUT Hysteresis
Factory default
-
5
-
%
Power-good Delay
Using pin-strap or resistor
2
-
20
ms
Configurable via I2C/SMBus )
0
-
500
s
Electrical Specifications V
DDP = VDDS = 12V, TA = -40°C to +85°C unless otherwise noted. (Note 10) Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
CONDITIONS
MIN
(Note 20)
TYP
MAX
(Note 20)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com