Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2103ALAF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 4Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 5Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 8 of 28
May 3, 2011
VSEN Undervoltage Threshold
Factory default
-
85
-
% VOUT
Configurable via I2C/SMBus
0
-
110
% VOUT
VSEN Overvoltage Threshold
Factory default
-
115
-
% VOUT
Configurable via I2C/SMBus
0
-
115
% VOUT
VSEN Undervoltage Hysteresis
-
5
-
% VOUT
VSEN Undervoltage/Overvoltage Fault Response
Time
Factory default
-
16
-
µs
Configurable via I2C/SMBus
5
-
60
µs
Peak Current Limit Threshold
Factory default
-
-
4.5
A
Configurable via I2C/SMBus
0.2
-
4.5
A
Current Limit Set-point Accuracy
-
±10
-
% FS
(Note 12)
Current Limit Protection Delay
Factory default
-
5
-
tSW
(Note 19)
Configurable via I2C/SMBus
1
-
32
tSW
(Note 19)
Thermal Protection Threshold (Junction Temperature) Factory default
-
125
-
°C
Configurable via I2C/SMBus
-40
-
125
°C
Thermal Protection Hysteresis
-
15
-
°C
NOTES:
10. Refer to Safe Operating Area in Figure 8 and thermal design guidelines in AN2010.
11. Does not include margin limits.
12. Percentage of Full Scale (FS) with temperature compensation applied.
13. The device requires a delay period following an enable signal and prior to ramping its output. Precise timing mode limits this delay period to approx
2ms, where in normal mode it may vary up to 4ms.
14. Precise ramp timing mode is only valid when using EN pin to enable the device rather than PMBus enable. Precise ramp timing mode is automatically
disabled for a self-enabled device (EN pin tied high).
15. The devices may require up to a 4ms delay following the assertion of the enable signal (normal mode) or following the
de-assertion of the enable signal. Precise mode requires Re-Enable delay = TOFF+TFALL+10µs.
16. Switch node current should not exceed IRMS of 3A.
17. Factory default is the initial value in firmware. The value can be changed via PMBus commands.
18. Maximum duty cycle is limited by the equation MAX_DUTY(%) = [1 - (150×10-9 × fSW)] × 100 and not to exceed 95%.
19. tSW = 1/fSW, where fSW is the switching frequency.
20. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V
DDP = VDDS = 12V, TA = -40°C to +85°C unless otherwise noted. (Note 10) Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
CONDITIONS
MIN
(Note 20)
TYP
MAX
(Note 20)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com