Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL8101ALAF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL8101ALAF
Description  Adaptive Digital DC/DC PWM Controller with Auto Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8101ALAF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL8101ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ZL8101
FN7832 Rev 1.00
Page 13 of 36
July 13, 2012
RESISTOR SETTINGS
This method allows a greater range of adjustability when
connecting a finite value resistor (in a specified range) between
the multi-mode pin and SGND. Standard 1% resistor values are
used, and only every fourth E96 resistor value is used so the
device can reliably recognize the value of resistance connected
to the pin while eliminating the error associated with the resistor
accuracy. Up to 31 unique selections are available using a single
resistor.
I2C/SMBUS METHOD
Almost all ZL8101 functions can be configured via the I2C/SMBus
interface using standard PMBus commands. Any value that has
been configured using the pin-strap or resistor setting methods can
also be re-configured and/or verified via the I2C/SMBus. See
Application Note AN2033 for more details.
The SMBus device address and VOUT_MAX are the only
parameters that must be set by external pins. All other device
parameters can be set via the I2C/SMBus. The device address is
set using the SA0 and SA1 pins. VOUT_MAX is set to 10% greater
than the voltage set by the V0 and V1 pins.
Power Conversion Functional
Description
Internal Bias Regulators and Input Supply
Connections
The ZL8101 employs two internal low dropout (LDO) regulators to
supply bias voltages for internal circuitry, allowing it to operate from
a single input supply. The internal bias regulators are as follows:
• VR: The VR LDO provides a regulated 5V bias supply for the
MOSFET pre-driver circuits. It is powered from the VDD pin. A
4.7 to 10µF filter capacitor is required at the VR pin. To ensure
regulator stability, capacitors outside of this range must not
be used.
• V25: The V25 LDO provides a regulated 2.5V bias supply for
the main controller circuitry. It is powered from an internal 5V
node. A 4.7 to 10µF filter capacitor is required at the V25 pin.
To ensure regulator stability capacitors outside of this range
must not be used.
When the input supply (VDD) is higher than 5.5V, the VR pin should
not be connected to any other pins. It should only have a filter
capacitor attached as shown in Figure 8. Due to the dropout voltage
associated with the VR bias regulator, the VDD pin must be
connected to the VR pin for designs operating from a supply below
5.5V. Figure 8 illustrates the required connections for both cases.
Note: the internal bias regulators are not designed to be outputs
for powering other circuitry. Do not attach external loads to any of
these pins. The multi-mode pins may be connected to the V25
pin for logic HIGH settings.
Output Voltage Selection
STANDARD MODE
The output voltage may be set to any voltage between 0.6V and
3.6V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification. Using the
pin-strap method, VOUT can be set to any of nine standard
voltages as shown in Table 2.
The resistor setting method can be used to set the output voltage
to levels not available in Table 2. Resistors R0 and R1 are
selected to produce a specific voltage between 0.6V and 3.6V in
10mV steps. Resistor R1 provides a coarse setting and resistor
R0 provides a fine adjustment, thus eliminating the additional
errors associated with using two 1% resistors (this typically adds
1.4% error).
To set VOUT using resistors, follow the steps below to calculate an
index value and then use Table 3 to select the resistor that
corresponds to the calculated index value as follows:
1. Calculate Index1: Index1 = 4 x VOUT (VOUT in 10mV steps)
2. Round the result down to the nearest whole number.
TABLE 1. MULTI-MODE PIN CONFIGURATION
PIN TIED TO
VALUE
LOW
(Logic LOW)
<0.8VDC
OPEN
(N/C)
No connection
HIGH
(Logic HIGH)
>2.0VDC
Resistor to SGND
Set by resistor value
FIGURE 7. PIN-STRAP AND RESISTOR SETTING EXAMPLES
ZL
MULTI-MODE PIN
ZL
RSET
LOGIC
HIGH
LOGIC
LOW
OPEN
PIN-STRAP
SETTINGS
RESISTOR
SETTINGS
MULTI-MODE PIN
TABLE 2. PIN-STRAP OUTPUT VOLTAGE SETTINGS
V0
LOW
OPEN
HIGH
V1
LOW
0.6V
0.8V
1.0V
OPEN
1.2V
1.5V
1.8V
HIGH
2.5V
3.3V
3.6V
FIGURE 8. INPUT SUPPLY CONNECTIONS
VIN
VDD
VR
ZL8101
VIN
VDD
VR
ZL8101
5.5V < VIN ≤ 14V
4.5V ≤ VIN ≤ 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com