Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL8101ALAF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZL8101ALAF
Description  Adaptive Digital DC/DC PWM Controller with Auto Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8101ALAF Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZL8101ALAF Datasheet HTML 1Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 2Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 3Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 4Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 5Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL8101ALAF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ZL8101
FN7832 Rev 1.00
Page 2 of 36
July 13, 2012
Block Diagram
ZL Types
CURRENT
SENSE
LDO
TEMP
SENSOR
V (0, 1)
VMON
MGN
VR VDD
PWML
ISENA
ISENB
LEVEL
SHIFTER
XTEMP
PWM
I2C
SCL
SDA
SALRT
SA (0,1)
EN PG SS FC
MONITOR
CONTROLLER
V25
SYNC
SGND DGND
ADC
NON-
VOLATILE
MEMORY
VTRK
VSEN
DDC
PWMH
POWER
MANAGEMENT
DRVCTL
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACK
METHOD
PACKAGE
PKG.
DWG. #
ZL8101ALAFT
8101
-40 to +85
Tape and Reel 6k
32 Ld QFN
L32.5x5G
ZL8101ALAFTK
8101
-40 to +85
Tape and Reel 1k
32 Ld QFN
L32.5x5G
ZL8101ALAF
8101
-40 to +85
Bulk
32 Ld QFN
L32.5x5G
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ZL8101. For more information on MSL please see techbrief TB363.
L
-CC
S
BBBBB
P
ZL
F
T
ZL = ZILKER LABS DESIGNATOR
BASE PART NUMBER
5 Character Max.
PACKAGE DESIGNATOR
A: (QFN)
OPERATING TEMPERATURE RANGE
L: (-40°C to +85°C)
Z: (-55°C to +125°C)
K: (0 to +70°C)
J: (0°C to +85°C)
FIRMWARE REVISION
Any alphanumeric character
LEAD FINISH
F (Lead-free Matte Tin)
N (Lead-free NiPdAu)
SHIPPING OPTION
T3: (Tape and Reel - 3000 piece)
T4: (Tape and Reel - 4000 piece)
T1 or TK: (Tape and Reel - 1000 piece)
J: (Trays)
T5: (Tape and Reel - 5000 piece)
W: (Waffle pack)
CUSTOM CODE
Any alphanumeric character
T: (Tape and Reel - 100 piece for
T6: (Tape and Reel - 6000 piece)
Zilker legacy products)
T: (Tape and Reel - Full reel Qty.
for Intersil Zilker products)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com