Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78D24L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78D24L-TN3-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D24L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  78D24L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R101-005.AA
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
For 78D18
(VIN=27V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
17.28
18
18.72
V
Output Voltage
VOUT
VIN=21~33V,IOUT=5mA~0.5A
17.1
18.9
V
IOUT=5mA~0.5A
180
mV
Load Regulation
∆VOUT
IOUT=5mA~200mA
90
mV
VIN=21~33V
180
mV
Line Regulation
∆VOUT
VIN=21~33V, IOUT =0.5A
180
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN=21.5~33V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
110
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-2.2
mV/°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78D20
(VIN =29V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
19.20
20.0
20.80
V
Output Voltage
VOUT
VIN =23~35V, IOUT=5mA~0.5A
19.00
21.00
V
IOUT=5mA~0.5A
200
mV
Load Regulation
V
OUT
IOUT=5mA~200mA
100
mV
VIN=23~35V
200
mV
Line Regulation
V
OUT
VIN=23~35V, IOUT=0.5A
200
mV
Quiescent Current
IQ
IOUT
≤0.5A
8
mA
VIN=23.5~35V
1
mA
Quiescent Current Change
I
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
130
V
Temperature coefficient of VOUT
V
OUT/TIOUT=5mA
-2.6
mV/
C
Ripple Rejection
RR
VIN =24~34V,f=120Hz
52
68
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D24
(VIN=33V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
23.04
24
24.96
V
Output Voltage
VOUT
VIN=27~38V, IOUT=5mA~0.5A
22.8
25.2
V
IOUT=5mA~0.5A
240
mV
Load Regulation
∆VOUT
IOUT=5mA~200mA
120
mV
VIN=27~38V
240
mV
Line Regulation
∆VOUT
VIN=27~38V, IOUT=0.5A
240
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN=28~38V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
170
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-2.8
mV/°C
Ripple Rejection
RR
VIN =28~38V, f=120Hz
50
66
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com