Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78D24L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78D24L-TN3-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D24L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78D24L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78D24L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
78DXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R101-005.AA
3 -T ERM I N ALS 0 .5 A POSI T I V E
V OLT AGE REGU LAT OR
DESCRI PT I ON
The UTC 78DXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 0.5 A.
FEAT U RE
* Output Current Up To 0.5 A
* Fixed Output Voltage Of 5V, 6V, 7V, 8V, 9V, 12V, 15V, 18V, 20V
and 24V
Available
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
* Output Transistor SOA Protection
TO-252
1
TO-252-3
SOT-223
TO-251
1
1
1
DFN5060-8
1
 ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
3456
7
8
Packing
78DXXL-AA3-R
78DXXG-AA3-R
SOT-223
I
G
O
-
-
-
-
-
Tape Reel
78DXXL-TM3-T
78DXXG-TM3-T
TO-251
I
G
O
-
-
-
-
-
Tube
78DXXL-TN3-R
78DXXG-TN3-R
TO-252
I
G
O
-
-
-
-
-
Tape Reel
78DXXL-TNA-R
78DXXG-TNA-R
TO-252-3
I
G
O
-
-
-
-
-
Tape Reel
78DXXG-K08-5060-R
78DXXG-K08-5060-R
DFN5060-8
I
I
I
O
G
G
G
G
Tape Reel
Note:
1. XX: Output Voltage, refer to Marking Information
2. Pin Code:
I: Input
G: GND
O: Output


Similar Part No. - 78D24L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78D24LG-AA3 UTC-78D24LG-AA3 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D24LG-AB3 UTC-78D24LG-AB3 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D24LG-TM3 UTC-78D24LG-TM3 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D24LG-TN3 UTC-78D24LG-TN3 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78D24LG-TNA UTC-78D24LG-TNA Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78D24L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXX UTC-78TXX Datasheet
171Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_12 Datasheet
350Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78DXX AMS-AMS78DXX Datasheet
488Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com