Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP253 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMP253
Description  EMI suppressor, class Y2, metallized paper SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP253 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMP253 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP253 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
181
SMP253
ARTICLE TABLE
0.0010
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4100M
0.0015
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4150M
0.0022
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4220M
0.0025
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4250M
0.0033
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4330M
0.0039
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4390M
0.0047
11.5
6.5
12.7
1000
600
2000
√√√
SMP253 MA4470M
Capacitance
Dimensions
Quantity per package
Max
Approvals
Article code
in mm ±0.2 mm
Bulk
Reel
dU/dt
µF
B
H
L
V/µs
ORDERING INFORMATION
MARKING
• RIFA
• Article code SMP
• Rated capacitance
• Rated voltage
• Y2
• Manufacturing code (year, month)
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
S
EN 132400
9949069/01
UL
UL 1414
E73869
cUL recognition
C 22.2 No. 1
E73869
(CSA)
See article table and pages 18 to 23 for options and article code construction. Tape
packaging, see page 69.
CHIP LENGTH 12.7 MM CODE 5045



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com