Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP253 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMP253
Description  EMI suppressor, class Y2, metallized paper SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP253 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMP253 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP253 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
180
250 VAC 50/60 Hz
0.001 – 0.0047 µF
± 20%
–40 to +100°C
40/100/56/B
S, UL, CSA
≤ 1.3 % at 1 kHz
≥ 12000 MΩ
Measured at 500 VDC after 60 s, +23°C
The 100% screening factory test is carried
out at 3000 VDC. The voltage level
is
selected to meet the requirements in
applicable equipment standards. All
electrical characteristics are checked after
the test.
SMP253
• EMI suppressor, class Y2, metallized paper SMD
• 0.001 – 0.0047 µF, 250 VAC, +100 °C
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
The capacitors are intended for use
as interference suppressors in Y2
applications, line-to-earth.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing
material meeting the requirements of UL
94V-0.
Rated voltage
Capacitance range
Capacitance tolerance
Temperature range
Climatic category IEC
Approvals
Dissipation factor tan
δδδδδ
Insulation resistance
Test voltage between terminals
Vibration
IEC 60068-2-6
3 directions at 2 hour each
No visible damage
Test Fc
10 – 500 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Active flammability
EN 132400
Passive flammability
IEC 60384-14 (1993)
Class B
EN 132400
Humidity
IEC 60068-2-3
+40°C and
56 days
Test Ca
90 – 95% R.H.
ENVIRONMENTAL TEST DATA
RECOMMENDED SOLDERING CONDITIONS
Electrode temperature, Reflow soldering
Preheating temperature should be less
than 160°C. The time above 180°C should
be less than 1 minute. The peak
temperature must not exceed 240°C.
Recommended reflow soldering profile
Temperature (
°C)
200
30
60
90 120 150 180 210
t(s)
150
100
50
240 270 300
0
250
0
Max 160
°C
Max 240
°C
Max 60 s
over 180
°C
B
L
H
0.5
0.5
Components may be vertically mounted
for decreased footprint. See page 69.


Similar Part No. - SMP253

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
SMP253 KEMET-SMP253 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
SMP253EA4100MB31TR24 KEMET-SMP253EA4100MB31TR24 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
SMP253EA4100MB31TV24 KEMET-SMP253EA4100MB31TV24 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
SMP253EA4150MB31TR24 KEMET-SMP253EA4150MB31TR24 Datasheet
681Kb / 12P
Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 300 VAC SMD (Automotive Grade)
4/24/2024
More results

Similar Description - SMP253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME294 ETC-PME294 Datasheet
48Kb / 2P
EMI suppressor, class Y1, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
EMI suppressor, class X1, metallized paper
PME290 ETC-PME290 Datasheet
49Kb / 2P
EMI suppressor, classes X1 and Y2, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
EMI suppressor, class X2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
Delta EMI suppressor, classes X2 and Y2, metallized paper
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
EMI suppressor, class Y2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
EMI suppressor, class Y2, metallized polypropylene
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
EMI suppressor, class X1, metallized paper
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com