Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L12ML-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78L12ML-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78L12ML-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78L12ML-S08-R Datasheet HTML 1Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 2Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 3Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 4Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 5Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 6Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 7Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 8
www.unisonic.com.tw
QW-R101-002.N
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
For UTC78L12M (VIN=19V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
11.52
12
12.48
V
14.5V≦VIN≦27V,IOUT=1mA ~ 40mA
11.40
12.60
V
Output Voltage
VOUT
14.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
11.40
12.60
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
25
100
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
12
50
mV
14.5V≦VIN≦27V,TJ=25°C
25
300
mV
Line Regulation
V
OUT
16V≦VIN≦27V,TJ=25°C
20
250
mV
Quiescent Current
IQ
2.0
6.5
mA
16V≦VIN≦27V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
80
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-1.0
mV/°C
Ripple Rejection
RR
15V≦VIN≦25V,f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L15M (VIN=23V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
14.40
15
15.60
V
17.5V≦VIN≦30V,IOUT=1mA ~ 40mA
14.25
15.75
V
Output Voltage
VOUT
17.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
14.25
15.75
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
25
150
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 70mA
15
75
mV
≦
17.5V
VIN≦30V,TJ=25°C
25
150
mV
Line Regulation
V
OUT
≦
20V
VIN≦30V,TJ=25°C
15
75
mV
Quiescent Current
IQ
2.2
6.5
mA
≦
20V
VIN≦30V
1.5
mA
Quiescent Current Change
I
Q
≦
1mA
VIN≦40mA
0.1
mA
Output Noise Voltage
eN
≦≦
10Hz
f
100kHz
90
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-1.3
mV/°C
Ripple Rejection
RR
≦
18.5V
VIN≦28.5V,f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L18M (VIN=27V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
17.28
18
18.72
V
≦
21V
VIN≦33V,IOUT=1mA ~ 40mA
17.10
18.90
V
Output Voltage
VOUT
≦
21V
VIN≦VMAX,
IOUT=1mA - 200mA
17.10
18.90
V
(Note 2)
TJ=25°C,IOUT=1mA ~ 100mA
30
180
mV
Load Regulation
V
OUT
TJ=25°C,IOUT=1mA ~ 40mA
20
90
mV
≦
21V
VIN≦33V,TJ=25°C
45
300
mV
Line Regulation
V
OUT
≦
22V
VIN≦33V,TJ=25°C
35
250
mV
Quiescent Current
IQ
2.2
6.5
mA
≦
21V
VIN≦33V
1.5
mA
Quiescent Current Change
I
Q
≦
1mA
VIN≦40mA
0.1
mA
Output Noise Voltage
eN
≦≦
10Hz
f
100kHz
150
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-1.8
mV/°C
Ripple Rejection
RR
23V≦VIN≦28.5V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com