Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L12ML-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78L12ML-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78L12ML-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78L12ML-S08-R Datasheet HTML 1Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 2Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 3Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 4Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 5Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 6Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 7Page - Unisonic Technologies 78L12ML-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
78LXXM
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R101-002.N
3 -T ERM I N AL 0 .2 A POSI T I V E
V OLT AGE REGU LAT OR
DESCRI PT I ON
The UTC 78LXXM family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 200mA.
FEAT U RES
*Output Current up to 200mA
*Fixed Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and
24V Available
*Thermal Overload Shutdown Protection
*Short Circuit Current Limiting
TO-92
1
SOP-8
1
TO-92NL
SOT-89
SOT-223
1
1
ORDERI N G I N FORM AT I ON
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
123456
7
8
Packing
78LXXML-AA3-R
78LXXMG-AA3-R
SOT-223
O G
I
-
-
-
-
-
Tape Reel
78LXXML-AB3-R
78LXXMG-AB3-R
SOT-89
O G
I
-
-
-
-
-
Tape Reel
78LXXML-T92-B
78LXXMG-T92-B
TO-92
O G
I
-
-
-
-
-
Tape Box
78LXXML-T92-K
78LXXMG-T92-K
TO-92
O G
I
-
-
-
-
-
Bulk
78LXXML-T9N-B
78LXXMG-T9N-B
TO-92NL
O G
I
-
-
-
-
-
Tape Box
78LXXML-T9N-K
78LXXMG-T9N-K
TO-92NL
O G
I
-
-
-
-
-
Bulk
78LXXML-S08-R
78LXXMG-S08-R
SOP-8
O G G NC NC G G
I
Tape Reel
Note: 1. XX: Output Voltage, refer to Marking Information
2. Pin Assignment: O: Output
G: GND
I: Input
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AA3: SOT-223, AB3: SOT-89, S08: SOP-8,
(2) T92: TO-92, T9N: TO-92NL
(3) G: Halogen Free and Lead Free, L: Lead Free
(4) xx: refer to Marking Information
78LXXMG-AA3-R
(1)Packing Type
(2)Package Type
(3)Green Package
(4)Output Voltage Code


Similar Part No. - 78L12ML-S08-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
78L12M BCDSEMI-78L12M Datasheet
271Kb / 18P
3-TERMINAL POSITIVE LINEAR REGULATOR
78L12M-E1 BCDSEMI-78L12M-E1 Datasheet
271Kb / 18P
3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - 78L12ML-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_10 Datasheet
317Kb / 10P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_12 Datasheet
322Kb / 10P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_15 Datasheet
280Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com