Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1702Z Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1702Z
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702Z Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1702Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Solomon Systech
Dec 2003
P 8/46
Rev 1.1
SSD1702
5. DIE PAD COORDINATES
Figure 2 - SSD1702Z die pad assignment
Die S ize:
12.65m m x 1.25 m m
Die H eight:
533um
Bu m p S ize:
P ad 1, 102, 113, 358
65um x 50um
P ad 2-101
49um x 105um
P ad 103-112, 359-368
65um x 49um
P ad 114, 115, 356, 357
50um x 95um
P ad 116-355
33um x 95um
Align m ent M ark:
Type
S ize
Coordinate
T shape
75um x 75um
-5989.0, 147.3
+ shape
75um x 75um
5989.0, 147.3
Circle
R-37.5um
-5989.0,-215.0
Circle
R-37.5um
5989.0,-215.0
P ad 1,2,3,… ->102
G old B um ps face up
S S D 1702Z
X
Y
NC
NC
NC
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
.
.
.
.
.
.
.
.
.
.
.
.
.
Y231
Y232
Y233
Y234
Y235
Y236
Y237
Y238
Y239
Y240
NC
NC
NC
NC
NC
V43 (X5)
V5 (X5)
VSS (X7)
MD
MD
L/R
L/R
FR
FR
FR
EIO1 (X3)
LP
LP
LP
DISPOFF#
DISPOFF#
DISPOFF#
XCK
XCK
XCK
D7 (X3)
D6 (X3)
D5 (X3)
D4 (X3)
D3 (X3)
D2 (X3)
D1 (X3)
D0 (X3)
EIO2 (X3)
S/C
S/C
VDD (X12)
VSS (X9)
V5 (X5)
V43 (X5)
NC
NC
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com